Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIB452DK Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIB452DK
Description  N-Channel 190-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIB452DK Datasheet(HTML) 6 Page - Vishay Siliconix

  SIB452DK Datasheet HTML 1Page - Vishay Siliconix SIB452DK Datasheet HTML 2Page - Vishay Siliconix SIB452DK Datasheet HTML 3Page - Vishay Siliconix SIB452DK Datasheet HTML 4Page - Vishay Siliconix SIB452DK Datasheet HTML 5Page - Vishay Siliconix SIB452DK Datasheet HTML 6Page - Vishay Siliconix SIB452DK Datasheet HTML 7Page - Vishay Siliconix SIB452DK Datasheet HTML 8Page - Vishay Siliconix SIB452DK Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number: 68832
S-81724-Rev. A, 04-Aug-08
Vishay Siliconix
SiB452DK
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?68832.
Normalized Thermal Transient Impedance, Junction-to-Ambient
1
0.1
0.01
10-3
10-2
1
10
1000
10-1
10-4
100
Square Wave Pulse Duration (s)
Duty Cycle = 0.5
Single Pulse
0.1
0.2
0.05
0.02
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 80 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Case
10-3
10-2
10-1
10-4
1
0.1
Square Wave Pulse Duration (s)
Duty Cycle = 0.5
Single Pulse
0.02
0.05
0.1
0.2


Similar Part No. - SIB452DK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIB452DK-T1-GE3 VISHAY-SIB452DK-T1-GE3 Datasheet
260Kb / 9P
   N-Channel 190 V (D-S) MOSFET
01-Jan-2022
SIB452DK VISHAY-SIB452DK_V01 Datasheet
260Kb / 9P
   N-Channel 190 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIB452DK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIB452DK VISHAY-SIB452DK_V01 Datasheet
260Kb / 9P
   N-Channel 190 V (D-S) MOSFET
01-Jan-2022
SIA850DJ VISHAY-SIA850DJ Datasheet
116Kb / 9P
   N-Channel 190-V (D-S) MOSFET with 190-V Diode
Rev. B, 02-Feb-09
SIA950DJ VISHAY-SIA950DJ Datasheet
104Kb / 7P
   Dual N-Channel 190-V (D-S) MOSFET
Rev. A, 02-Feb-09
SIA950DJ VISHAY-SIA950DJ_V01 Datasheet
111Kb / 7P
   Dual N-Channel 190-V (D-S) MOSFET
01-Jan-2022
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SI4862DY VISHAY-SI4862DY Datasheet
44Kb / 4P
   N-Channel 16-V (D-S) MOSFET
Rev. B, 14-Apr-03
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com