Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG5-90 Datasheet(PDF) 2 Page - Littelfuse

Part # CG5-90
Description  Gas Discharge Tube (GDT) Products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG5-90 Datasheet(HTML) 2 Page - Littelfuse

  CG5-90 Datasheet HTML 1Page - Littelfuse CG5-90 Datasheet HTML 2Page - Littelfuse CG5-90 Datasheet HTML 3Page - Littelfuse CG5-90 Datasheet HTML 4Page - Littelfuse CG5-90 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2009 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
14
Revised: November 30, 2009
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
CG5 and SL0902A Series
CG5 and SL0902A Series
Part Number
Device Specifications (at 25°C)
Life Ratings
DC Breakdown
in Volts
(@100V/s)
Impulse
Breakdown
in Volts
(@100V/μs)
Impulse
Breakdown
In Volts
(@1 Kv/μsec)
Insulation
Resistance
Capaci-
tance
(@1MHz)
Surge
Life
(10/1000μs)
Nominal
Impulse
Discharge
Current
(8/20μs)
Nominal
AC
Discharge
Current
(10x1sec
@50-60Hz)
AC
Dischage
Current
(9 cycle @50Hz)
Max
Impulse
Discharge
Current
(1 Application
@ 10/350μs)
MIN
TYP
MAX
MAX
MIN
MAX
6/$
&*






DW9
SI
VKRWV
#$
VKRWV
#N$ 
 $
 $
0.5kA
&*
 




DW9
&*
  

VKRWV
#$
VKRWV
#N$ 
 $
 $
0.5kA
6/$
&*
  


&*
  

&*
 


6/$
&*
  


&*
  

6/$
 


&*
  

6/$
&*
  


Product Characteristics
Materials
CG5L & CG5LTR (Outline 502), CG5L-
02 (Outline 503), CG5LS (Outline
500), CG5L-01 (Outline 504) & CG5L-
03: Device Nickel Plated 2–5 Microns
Wire Tin Plated 17.5±12.5 Microns
Construction Ceramic Insulator.
CG5 (Outline 501), CG5MS (Outline
505) & SL0902A SM: Device Tin Plated
17.5±12.5 Microns Construction Ceramic
Insulator.
Product Marking
LF Logo, Voltage and date code
Glow to arc
transition current
< 0.5Amps
Glow Voltage
140 Volts
Storage and
Operational
Temperature
-40 to +90
Electrical Characteristics
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage
Voltage vs. Time Characteristic
@ 1.0 GHz = 0.01 dB
@ 1.4GHz = 0.1 dB
@ 1.8 GHz = 0.53 dB
@ 2.1 GHz = 0.81 dB
@ 2.45 GHz= 1 dB
@ 2.8 GHz = 1.2 dB
@ 3.1 GHz = 1.5 dB
@ 3.5 GHz = 2.1 dB
Typical Insertion Loss


Similar Part No. - CG5-90

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
CG5-10S PENTAIR-CG5-10S Datasheet
288Kb / 2P
   DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
CG5-20S PENTAIR-CG5-20S Datasheet
284Kb / 2P
   DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
More results

Similar Description - CG5-90

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com