Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1216C Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1216C
Description  SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1216C Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1216C Datasheet HTML 2Page - Dallas Semiconductor DS1216C Datasheet HTML 3Page - Dallas Semiconductor DS1216C Datasheet HTML 4Page - Dallas Semiconductor DS1216C Datasheet HTML 5Page - Dallas Semiconductor DS1216C Datasheet HTML 6Page - Dallas Semiconductor DS1216C Datasheet HTML 7Page - Dallas Semiconductor DS1216C Datasheet HTML 8Page - Dallas Semiconductor DS1216C Datasheet HTML 9Page - Dallas Semiconductor DS1216C Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DS1216
6 of 13
RESET AND MEMORY DENSITY OPTIONS Figure 2
The letter suffix of the SmartWatch is located on the PCB as shown above.
The RESET pin on the controller has an internal pullup resistor. To disable the RESET function, the trace
between pin 1 on the socket and pin 13 on the controller can be cut. In this case, the socket will ignore the
RESET
input, preventing address transitions from resetting the pattern match, even if the RST bit is
enabled.
On the DS1216B and DS1216D, the two VCC pins are connected together on the PCB. The switched VCC
from the controller is connected to the two VCC pins that connect to the inserted RAM. No modifications
are required if the lower density RAM is used. To use the higher density RAM, the trace by the lower
density RAM VCC pin, identified by a hash mark labeled “U,” must be cut. The two square-metal pads,
labeled “G,” must be shorted together. This disconnects switched VCC from the pin going to the inserted
RAM, and connects it to the corresponding address input pin for the higher density RAM.


Similar Part No. - DS1216C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1216C MAXIM-DS1216C Datasheet
666Kb / 15P
   SmartWatch RAM (DS1216B/C/D/H); SmartWatch ROM (DS1216E/F)
Rev 11/11
logo
List of Unclassifed Man...
DS1216C38.22 ETC2-DS1216C38.22 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - DS1216C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1216 MAXIM-DS1216 Datasheet
666Kb / 15P
   SmartWatch RAM (DS1216B/C/D/H); SmartWatch ROM (DS1216E/F)
Rev 11/11
logo
Vitesse Semiconductor C...
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
   ADAPTER, F-F, C
logo
Winchester Electronics ...
SD799-3 WINCHESTER-SD799-3 Datasheet
40Kb / 1P
   ADAPTER, F-F, C
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com