Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1135M-6 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1135M-6
Description  3-in-1 High-Speed Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1135M-6 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1135M-6 Datasheet HTML 1Page - Dallas Semiconductor DS1135M-6 Datasheet HTML 2Page - Dallas Semiconductor DS1135M-6 Datasheet HTML 3Page - Dallas Semiconductor DS1135M-6 Datasheet HTML 4Page - Dallas Semiconductor DS1135M-6 Datasheet HTML 5Page - Dallas Semiconductor DS1135M-6 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
061500
FEATURES
All-silicon timing circuit
Three independent buffered delays
Stable and precise over temperature and
voltage
Leading and trailing edge precision preserves
the input symmetry
Standard 8-pin DIP and 8-pin SOIC
(150 mil)
Vapor phasing, IR and wave solderable
Available in Tape and Reel
Commercial and industrial temperature ranges
available; see order info table
5V operation (for 3V operation, see part
number DS1135L)
Recommended replacement for DS1013 and
DS1035
PIN ASSIGNMENT
PIN DESCRIPTION
IN1-IN3
- Input Signals
OUT1-OUT3
- Output Signals
VCC
- +5V Supply
GND
- Ground
DESCRIPTION
The DS1135 series is a low-power, +5-volt high-speed version of the popular DS1013 and DS1035.
The DS1135 series of delay lines have three independent logic buffered delays in a single package. The
device is Dallas Semiconductor’s fastest 3-in-1 delay line. It is available in a standard 8-pin DIP and
150 mil 8-pin Mini-SOIC, as well as an 8-pin, 118 mil uSOP.
The device features precise leading and trailing edge accuracy. It has the inherent reliability of an all-
silicon delay line solution. Each output is capable of driving up to 10 LS loads.
Standard delay values are indicated in Table 1. Customers may contact Dallas Semiconductor at
(972) 371-4348 for further information on custom delay values.
DS1135
3-in-1 High-Speed Silicon Delay Line
www.dalsemi.com
DS1135M 8-Pin DIP
IN2
GND
VCC
OUT1
OUT2
OUT3
7
1
2
3
4
8
6
5
IN3
IN1
DS1135Z 8-Pin SOIC (150 mil)
1
2
3
4
7
8
6
5
IN2
GND
IN3
IN1
VCC
OUT1
OUT2
OUT3
PRELIMINARY
DS1135U 8-Pin 118-mil uSOP
1
2
3
4
7
8
6
5
IN2
GND
IN3
IN1
VCC
OUT1
OUT2
OUT3


Similar Part No. - DS1135M-6

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
   3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
logo
Dallas Semiconductor
DS1135L DALLAS-DS1135L Datasheet
131Kb / 6P
   3V 3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135L MAXIM-DS1135L Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
logo
Dallas Semiconductor
DS1135LU10 DALLAS-DS1135LU10 Datasheet
131Kb / 6P
   3V 3-in-1 High-Speed Silicon Delay Line
DS1135LU1010 DALLAS-DS1135LU1010 Datasheet
131Kb / 6P
   3V 3-in-1 High-Speed Silicon Delay Line
More results

Similar Description - DS1135M-6

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
   3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
logo
Dallas Semiconductor
DS1135L DALLAS-DS1135L Datasheet
131Kb / 6P
   3V 3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135L MAXIM-DS1135L Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
logo
Dallas Semiconductor
DS1044 DALLAS-DS1044 Datasheet
35Kb / 6P
   4-in-1 High-Speed Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1013 MAXIM-MXD1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
19-0394; Rev 0; 12/97
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
   3-in-1 High?밪peed Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
   3-in-1 High.Speed Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com