Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPI037N06L3-G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPI037N06L3-G
Description  OptiMOS 3 Power-Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI037N06L3-G Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPI037N06L3-G Datasheet HTML 1Page - Infineon Technologies AG IPI037N06L3-G Datasheet HTML 2Page - Infineon Technologies AG IPI037N06L3-G Datasheet HTML 3Page - Infineon Technologies AG IPI037N06L3-G Datasheet HTML 4Page - Infineon Technologies AG IPI037N06L3-G Datasheet HTML 5Page - Infineon Technologies AG IPI037N06L3-G Datasheet HTML 6Page - Infineon Technologies AG IPI037N06L3-G Datasheet HTML 7Page - Infineon Technologies AG IPI037N06L3-G Datasheet HTML 8Page - Infineon Technologies AG IPI037N06L3-G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IPB034N06L3 G
IPI037N06L3 G
IPP037N06L3 G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I 94S"V 9I T W   U
R 9I"\[#4S"I 9 T W   U
A2 C
2 > 6E
6C
 V =I
A2 C
2 > 6E
6C
 V =I
7 Typ. transfer characteristics
8 Typ. forward transconductance
I 94S"V =I L
V 9Ih5*hI 9hR 9I"\[#ZNe
g S`4S"I 9 T W   U
A2 C
2 > 6E
6C
 T W
 /
  /
 /
  /
 /
 /
)(K
/
0
3
6
9
12
15
0
50
100
150
200
250
I D [A]
  U
  U
0
80
160
240
320
0
1
2
3
4
5
V GS [V]
0
40
80
120
160
200
0
50
100
150
I D [A]
 /
  /
 /
  /
 /
 /
/
0
80
160
240
320
0
1
2
3
4
5
V DS [V]
, 6G  
A2 86 
 


Similar Part No. - IPI037N06L3-G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPI037N08N3 ISC-IPI037N08N3 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPI037N08N3G INFINEON-IPI037N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.3
More results

Similar Description - IPI037N06L3-G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA057N06N3-G INFINEON-IPA057N06N3-G Datasheet
551Kb / 9P
   OptiMOS 3 Power-Transistor
2010-05-03 revision:2.0
IPB107N20N3G INFINEON-IPB107N20N3G_10 Datasheet
739Kb / 11P
   OptiMOS 3 Power-Transistor
2010-11-03 revision:2.2
IPP062NE7N3G INFINEON-IPP062NE7N3G Datasheet
544Kb / 9P
   OptiMOS??3 Power-Transistor
2010-04-12 revision:2.0
IPP075N15N3GXKSA1 INFINEON-IPP075N15N3GXKSA1 Datasheet
744Kb / 11P
   OptiMOS 3 Power-Transistor
2010-04-19 revision:2.06
IPA028N08N3G INFINEON-IPA028N08N3G Datasheet
288Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2009-02-23
IPD096N08N3G INFINEON-IPD096N08N3G Datasheet
212Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.1 2008-10-20
IPD031N06L3G INFINEON-IPD031N06L3G Datasheet
221Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-12-09
IPA057N08N3G INFINEON-IPA057N08N3G Datasheet
286Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-20
IPA100N08N3G INFINEON-IPA100N08N3G Datasheet
285Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-21
IPD053N06N3G INFINEON-IPD053N06N3G Datasheet
312Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev.2.0 2008-11-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com