Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21592 Datasheet(PDF) 5 Page - International Rectifier

Part # IR21592
Description  DIMMING BALLAST CONTROL IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21592 Datasheet(HTML) 5 Page - International Rectifier

  IR21592 Datasheet HTML 1Page - International Rectifier IR21592 Datasheet HTML 2Page - International Rectifier IR21592 Datasheet HTML 3Page - International Rectifier IR21592 Datasheet HTML 4Page - International Rectifier IR21592 Datasheet HTML 5Page - International Rectifier IR21592 Datasheet HTML 6Page - International Rectifier IR21592 Datasheet HTML 7Page - International Rectifier IR21592 Datasheet HTML 8Page - International Rectifier IR21592 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
IR21592/IR21593(S) &(PbF)
www.irf.com
5
Electrical Characteristics (cont.)
VCC = VBS = VBIAS = 14V +/- 0.25V, VCS = 0.5V, VSD = 0.0V, RFMIN = 40k, CVCO = 10 nF, VDIM = 0.0V, RMAX = 33k,
RMIN = 56k, VTPH = 0.0V, CLO,HO = 1000pF, TA = 25
oC unless otherwise specified.
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
VFMIN
FMIN pin voltage during normal operation
4.6
5.1
6.25
V
VMIN=1.5V,VIPH=0.5V
VFMINFLT
FMIN pin voltage during fault mode
0.0
V
SD = 5V, or CS = 2V,
or Tj > TSD
Minimum Frequency Setting
VSDTH+
Rising shutdown pin threshold voltage
1.6
2.0
2.6
VCPH =VIPH=0V
VCSTH
Peak over current threshold
1.2
1.6
1.9
VCPH < 5V
VVDCTH+
Rising VDC pin threshold voltage
5.1
VCPH=VCS=VSD=0V
VSDHYS
SD threshold hysteresis
150
mV
VCPH =VIPH=0V
VVDCHYS
VDC threshold hysteresis
2.1
VCPH=VCS=VSD=0V
VSDCLMP
SD pin clamp voltage
7.6
ISD = 100mA
TSD
Thermal shutdown junction temperature
165
oC
Protection Characteristics
V
V
VCSTHZX
Zero-crossing threshold voltage
0.0
V
VCPH =5.5V,VIPH=0.5V
tBlank
Zero-crossing internal blank time
291
400
1030
ns
VCPH =5.5V,VIPH=0.5V
Phase Control
VDIMOFF
DIM pin offset voltage
0.5
VMINMIN
DIM minimum reference voltage (MIN pin)
1.0
VCPH=5.5V,VIPH=0.5V
VMINMAX
DIM maximum reference voltage (MIN pin)
3.0
VCPH =0.5V,VIPH=0.5V
Dimming Interface
V
Preheat Characteristics
ICPH
CPH pin charging current
0.8
1.3
2.1
µA
VCPH=VDIM=4.7V,
VCS=1.0V
VCPHIGN
CPH pin ignition mode threshold voltage
4.3
5.0
5.7
VCS=2.0V
VCPHCLMP
CPH pin clamp voltage
10
VCS=VDIM=VIPH=0V
IIPH
IPH pin DC source current
—25
µA
VCPH=VDIM=4.7V,
IIPH=1/RFMIN
VCSTHPH
Peak preheat current regulation threshold
0.7
V
RIPH=27K, VMIN=0V,
VCPH=0V, VCSTH =
(IIPH) x (RIPH)
VCPHFLT
CPH pin voltage during UVLO or fault
0.0
V
SD = 5V, or CS = 2V,
or Tj > TSD
V
Ignition Detection
IIPHIGN+
IPH source current (Vcs rising)
30
VCS=0V, RIPH=18K,
VCPH>5.1V
IIPHIGN-
IPH source current (Vcs falling)
27.5
VCS =1.0V,
VCPH>5.1V
µA


Similar Part No. - IR21592

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
IR21592 IRF-IR21592 Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
IR21592 IRF-IR21592 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
More results

Similar Description - IR21592

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
International Rectifier
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
   DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com