Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1220AD-150-IND Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1220AD-150-IND
Description  16k Nonvolatile SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1220AD-150-IND Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1220AD-150-IND Datasheet HTML 1Page - Dallas Semiconductor DS1220AD-150-IND Datasheet HTML 2Page - Dallas Semiconductor DS1220AD-150-IND Datasheet HTML 3Page - Dallas Semiconductor DS1220AD-150-IND Datasheet HTML 4Page - Dallas Semiconductor DS1220AD-150-IND Datasheet HTML 5Page - Dallas Semiconductor DS1220AD-150-IND Datasheet HTML 6Page - Dallas Semiconductor DS1220AD-150-IND Datasheet HTML 7Page - Dallas Semiconductor DS1220AD-150-IND Datasheet HTML 8Page - Dallas Semiconductor DS1220AD-150-IND Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DS1220AB/AD
5 of 9
AC ELECTRICAL CHARACTERISTICS
(cont’d)
DS1220AB-150
DS1220AD-150
DS1220AB-200
DS1220AD-200
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Read Cycle Time
tRC
150
200
ns
Access Time
tACC
150
200
ns
OE to Output Valid
tOE
70
100
ns
CE to Output Valid
tCO
150
200
ns
OE or CE to Output Active
tCOE
5
5ns
5
Output High Z from
Deselection
tOD
35
35
ns
5
Output Hold from Address
Change
tOH
5
5ns
Write Cycle Time
tWC
150
200
ns
Write Pulse Width
tWP
100
150
ns
3
Address Setup Time
tAW
00
ns
Write Recovery Time
tWR1
tWR2
0
10
0
10
ns
ns
12
13
Output High Z from WE
tODW
35
35
ns
5
Output Active from WE
tOEW
5
5ns
4
Data Setup Time
tDS
60
50
ns
4
Data Hold Time
tDH1
tDH2
0
10
0
10
ns
ns
12
13


Similar Part No. - DS1220AD-150-IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1220AD-150-IND DALLAS-DS1220AD-150-IND Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1220AD-150-IND ARTSCHIP-DS1220AD-150-IND Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
More results

Similar Description - DS1220AD-150-IND

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1220AD-150 MAXIM-DS1220AD-150 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
DS1220Y MAXIM-DS1220Y Datasheet
207Kb / 9P
   16k Nonvolatile SRAM
19-5579; Rev 10/10
DS1220AB MAXIM-DS1220AB Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
19-5580; Rev 10/10
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1220AD-100 MAXIM-DS1220AD-100 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
logo
Dallas Semiconductor
DS1220AB DALLAS-DS1220AB_10 Datasheet
207Kb / 8P
   16k Nonvolatile SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com