Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFL4310TR Datasheet(PDF) 2 Page - International Rectifier

Part # IRFL4310TR
Description  HEXFET짰 Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFL4310TR Datasheet(HTML) 2 Page - International Rectifier

  IRFL4310TR Datasheet HTML 1Page - International Rectifier IRFL4310TR Datasheet HTML 2Page - International Rectifier IRFL4310TR Datasheet HTML 3Page - International Rectifier IRFL4310TR Datasheet HTML 4Page - International Rectifier IRFL4310TR Datasheet HTML 5Page - International Rectifier IRFL4310TR Datasheet HTML 6Page - International Rectifier IRFL4310TR Datasheet HTML 7Page - International Rectifier IRFL4310TR Datasheet HTML 8Page - International Rectifier IRFL4310TR Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFL4310
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
––– –––
V
VGS = 0V, ID = 250µA
DV(BR)DSS/DTJ Breakdown Voltage Temp. Coefficient
–––
0.12 –––
V/°C Reference to 25°C, ID = 1mA
–––
––– 0.20
W
VGS = 10V, ID = 1.6A „
VGS(th)
Gate Threshold Voltage
2.0
––– 4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
1.5
––– –––
S
VDS = 50V, ID = 0.80 A
–––
–––
25
µA
VDS = 100V, VGS = 0V
–––
––– 250
VDS = 80V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
––– 100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
VGS = -20V
Qg
Total Gate Charge
–––
17
25
ID = 1.6A
Qgs
Gate-to-Source Charge
–––
2.1
3.1
nC
VDS = 80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
7.8
12
VGS = 10V, See Fig. 6 and 13 „
td(on)
Turn-On Delay Time
–––
7.8 –––
VDD = 50V
tr
Rise Time
–––
18
–––
ns
ID = 1.6A
td(off)
Turn-Off Delay Time
–––
34
–––
RG = 6.2 W
tf
Fall Time
–––
20
–––
RD = 31 W, See Fig. 10 „
Ciss
Input Capacitance
–––
330 –––
VGS = 0V
Coss
Output Capacitance
–––
92
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
54
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
RDS(on)
StaticDrain-to-SourceOn-Resistance
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD £ 1.6A, di/dt £ 340A/µs, VDD £ V(BR)DSS,
TJ £ 150°C
Notes:
‚VDD = 25V, starting TJ = 25°C, L = 9.2 mH
RG = 25W, IAS = 3.2A. (See Figure 12)
„ Pulse width £ 300µs; duty cycle £ 2%.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– 1.3
V
TJ = 25°C, IS = 1.6A, VGS = 0V „
trr
Reverse Recovery Time
–––
72
110
ns
TJ = 25°C, IF = 1.6A
Qrr
Reverse RecoveryCharge
––– 210 320
nC
di/dt = 100A/µs „
––– –––
––– –––
13
0.91
A
Source-Drain Ratings and Characteristics


Similar Part No. - IRFL4310TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL4310TRPBF IRF-IRFL4310TRPBF Datasheet
667Kb / 9P
   HEXFET짰 Power MOSFET
logo
VBsemi Electronics Co.,...
IRFL4310TRPBF VBSEMI-IRFL4310TRPBF Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - IRFL4310TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com