Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1220 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1220
Description  16k Nonvolatile SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1220 Datasheet(HTML) 9 Page - Dallas Semiconductor

  DS1220 Datasheet HTML 1Page - Dallas Semiconductor DS1220 Datasheet HTML 2Page - Dallas Semiconductor DS1220 Datasheet HTML 3Page - Dallas Semiconductor DS1220 Datasheet HTML 4Page - Dallas Semiconductor DS1220 Datasheet HTML 5Page - Dallas Semiconductor DS1220 Datasheet HTML 6Page - Dallas Semiconductor DS1220 Datasheet HTML 7Page - Dallas Semiconductor DS1220 Datasheet HTML 8Page - Dallas Semiconductor DS1220 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DS1220AB/AD
9 of 9
DS1220AB/AD NONVOLATILE SRAM, 24-PIN 720-MIL EXTENDED MODULE
PKG
24-PIN
DIM
MIN
MAX
A IN.
MM
1.320
33.53
1.340
34.04
B IN.
MM
0.695
17.65
0.720
18.29
C IN.
MM
0.390
9.91
0.415
10.54
D IN.
MM
0.100
2.54
0.130
3.30
E IN.
MM
0.017
0.43
0.030
0.76
F IN.
MM
0.120
3.05
0.160
4.06
G IN.
MM
0.090
2.29
0.110
2.79
H IN
MM
0.590
14.99
0.630
16.00
J IN.
MM
0.008
0.20
0.012
0.30
K IN.
MM
0.015
0.38
0.021
0.53


Similar Part No. - DS1220

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1220 TTELEC-DS1220 Datasheet
509Kb / 5P
   Platon Metal Tube VA Gas or Liquid
logo
Dallas Semiconductor
DS1220AB DALLAS-DS1220AB Datasheet
207Kb / 8P
   16k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1220AB MAXIM-DS1220AB Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
19-5580; Rev 10/10
DS1220AB-100 MAXIM-DS1220AB-100 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
DS1220AB-100++ MAXIM-DS1220AB-100+ Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
19-5580; Rev 10/10
More results

Similar Description - DS1220

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1220AD-150 MAXIM-DS1220AD-150 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
DS1220Y MAXIM-DS1220Y Datasheet
207Kb / 9P
   16k Nonvolatile SRAM
19-5579; Rev 10/10
DS1220AB MAXIM-DS1220AB Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
19-5580; Rev 10/10
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1220AD-100 MAXIM-DS1220AD-100 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
logo
Dallas Semiconductor
DS1220AB DALLAS-DS1220AB_10 Datasheet
207Kb / 8P
   16k Nonvolatile SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com