Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1236A Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1236A
Description  MicroManager Chip
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1236A Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1236A Datasheet HTML 6Page - Dallas Semiconductor DS1236A Datasheet HTML 7Page - Dallas Semiconductor DS1236A Datasheet HTML 8Page - Dallas Semiconductor DS1236A Datasheet HTML 9Page - Dallas Semiconductor DS1236A Datasheet HTML 10Page - Dallas Semiconductor DS1236A Datasheet HTML 11Page - Dallas Semiconductor DS1236A Datasheet HTML 12Page - Dallas Semiconductor DS1236A Datasheet HTML 13Page - Dallas Semiconductor DS1236A Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DS1236A
10 of 20
When the RC pin is tied to ground, the DS1236A is designed to interface with NMOS processors which
do not have the microamp currents required during a battery backed mode. Grounding the RC pin does,
however, continue to support nonvolatile backup of system SRAM memory. Nonvolatile systems
incorporating NMOS processors generally require that only the SRAM memory and/or timekeeping
functions be battery backed. When the processor is not battery backed (RC = 0), all signals connected
from the processor to the DS1236A are disconnected from the backup battery supply, or grounded when
system VCC decays below VBAT. In the NMOS processor system, the principal emphasis is placed on
giving early warnings with NMI , then providing a continuously active RST and RST signal during
power-down while isolating the backup battery from the processor during a loss of VCC.
During power-down, NMI will pulse low for a minimum of 200
µs, and then return high. If RC is tied
low (NMOS mode), the voltage on NMI will follow VCC until VCC supply decays to VBAT, at which point
NMI
will enter tri-state (see timing diagram). Also, upon VCC out of tolerance at VCCTP, the RST and
RST
outputs are driven active and RST will follow VCC as the supply decays. On power-up, RST follows
VCC up, RST is held low, and both remain active for tRST after valid VCC. During a power-up from a VCC
voltage below VBAT, any detected IN pin levels below VTP are disabled from reaching the NMI pin until
VCC rises to VCCTP. As a result, any potential NMI pulse will not be initiated until VCC reaches VCCTP.
Removal of an active low level on the NMI pin is controlled by either an internal timeout (when the IN
pin is less than VTP), or by the subsequent rise of the IN pin above VTP. The initiation and removal of the
NMI
signal results in an NMI pulse of 0
µs minimum to 500 µs maximum during power-up, depending
on the relative voltage relationship between VCC and the IN pin. As an example, when the IN pin is tied to
ground, the internal timeout will result in a pulse of 200
µs minimum to 500 µs maximum. In contrast, if
the IN pin is tied to VCCO, NMI will not produce a pulse on power-up.
Connecting the RC pin to a high (VCCO) invokes CMOS mode and provides nonvolatile support to both
the system SRAM as well as a low power CMOS processor. When using CMOS microprocessors, it is
possible to place the microprocessor into a very low-power mode termed the “stop” or “halt” mode. In
this state the CMOS processor requires only microamp currents and is fully capable of being battery
backed. This mode generally allows the CMOS microprocessor to maintain the contents of internal RAM
as well as state control of I/O ports during battery backup. The processor can subsequently be restarted by
any of several different signals. To maintain this low-power state, the DS1236A issues no NMI and/or
reset signals to the processor until it is time to bring the processor back into full operation. To support the
low-power processor battery backed mode (RC = 1), the DS1236A provides a pulsed NMI for early
power failure warning. Waiting to initiate a Stop mode until after the NMI pin has returned high will
guarantee the processor that no other active NMI or RST/ RST will be issued by the DS1236A until one
of two conditions occurs: 1) Voltage on the pin rises above VTP, which activates the watchdog, or 2) VCC
cycles below then above VBAT, which also results in an active RST and RST . If VCC does not fall below
VCCTP, the processor will be restarted by the reset derived from the watchdog timer as the IN pin rises
above VTP.
With the RC pin tied to VCCO, RST and RST are not forced active as VCC collapses to VCCTP. The RST is
held at a high level via the external battery as VCC falls below battery potential. This mode of operation is
intended for applications in which the processor is made nonvolatile with an external source, and allows
the processor to power down into a Stop mode as signaled from NMI at an earlier voltage level. The NMI
output pin will pulse low for tNMI following a low voltage detect at the IN pin of VTP. Following tNMI,
however, NMI will also be held at a high level (VBAT) by the battery as VCC decays below VBAT. On
power-up, RST and RST are held inactive until VCC reaches VBAT, then RST and RST are driven active
for tRST. If the IN pin falls below VTP during an active reset, the reset outputs will be forced inactive by


Similar Part No. - DS1236A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1236A MAXIM-DS1236A Datasheet
434Kb / 20P
   MicroManager Chip
011107
DS1236AS-5 MAXIM-DS1236AS-5 Datasheet
435Kb / 19P
   MicroManager Chip
011107
More results

Similar Description - DS1236A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1239 MAXIM-DS1239 Datasheet
61Kb / 4P
   MicroManager Chip
111899
logo
Dallas Semiconductor
DS1239 DALLAS-DS1239 Datasheet
56Kb / 4P
   MicroManager Chip
DS1236 DALLAS-DS1236 Datasheet
323Kb / 19P
   MicroManager Chip
logo
Maxim Integrated Produc...
DS1236AS-5 MAXIM-DS1236AS-5 Datasheet
435Kb / 19P
   MicroManager Chip
011107
DS1236A MAXIM-DS1236A Datasheet
434Kb / 20P
   MicroManager Chip
011107
DS1236 MAXIM-DS1236 Datasheet
435Kb / 19P
   MicroManager Chip
011107
logo
Dallas Semiconductor
DS1238S DALLAS-DS1238S Datasheet
694Kb / 13P
   MicroManager
DS1238 DALLAS-DS1238 Datasheet
216Kb / 14P
   MicroManager
logo
Maxim Integrated Produc...
DS1238A MAXIM-DS1238A Datasheet
216Kb / 13P
   MicroManager
DS1238 MAXIM-DS1238 Datasheet
222Kb / 14P
   MicroManager
111899
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com