Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBN3101S6R Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # HBN3101S6R
Description  NPN Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBN3101S6R Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  HBN3101S6R Datasheet HTML 1Page - Cystech Electonics Corp. HBN3101S6R Datasheet HTML 2Page - Cystech Electonics Corp. HBN3101S6R Datasheet HTML 3Page - Cystech Electonics Corp. HBN3101S6R Datasheet HTML 4Page - Cystech Electonics Corp. HBN3101S6R Datasheet HTML 5Page - Cystech Electonics Corp. HBN3101S6R Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C234S6R
Issued Date : 2013.10.21
Revised Date :
Page No. : 2/6
HBN3101S6R
CYStek Product Specification
The following characteristics apply to both Tr1 and Tr2
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (DC)
IC
100
mA
Collector Current (Pulse)
ICP
300
(Note 1)
mA
Power Dissipation
Pd
200 (total) (Note 2)
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : 1.Single pulse, Pw=10ms
2.150mW per element must not be exceeded.
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
300
-
-
V
IC=100µA
BVCEO
300
-
-
V
IC=1mA
BVEBO
5
-
-
V
IE=10µA
ICBO
-
-
100
nA
IE=0, VCB=300V
IEBO
-
-
100
nA
VEB=5V, IC=0
*VCE(sat)
-
-
300
mV
IC=30mA, IB=3mA
*VBE(sat)
-
-
900
mV
IC=30mA, IB=3mA
*hFE1
100
-
250
-
VCE=5V, IC=10mA
*hFE2
15
-
-
-
VCE=5V, IC=50mA
fT
60
-
-
MHz
VCE=10V, IC=10mA, f=100MHz
Cob
-
-
15
pF
VCB=10V, f=1MHz
*Pulse Test : Pulse Width
≤380μs, Duty Cycle≤2%


Similar Part No. - HBN3101S6R

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HBN3 PANDUIT-HBN3 Datasheet
45Kb / 1P
   NICKEL PLATED STEEL
HBN3-T PANDUIT-HBN3-T Datasheet
75Kb / 1P
   Wire End Holder
logo
Cystech Electonics Corp...
HBN3904S6R CYSTEKEC-HBN3904S6R Datasheet
158Kb / 4P
   Dual General Purpose NPN Transistors
HBN3904S6R CYSTEKEC-HBN3904S6R Datasheet
327Kb / 7P
   Dual General Purpose NPN Transistors
HBN3904S6R-0-T1-G CYSTEKEC-HBN3904S6R-0-T1-G Datasheet
327Kb / 7P
   Dual General Purpose NPN Transistors
More results

Similar Description - HBN3101S6R

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com