Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBNP45C6 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # HBNP45C6
Description  General Purpose NPN / PNP Epitaxial Planar Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBNP45C6 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  HBNP45C6 Datasheet HTML 1Page - Cystech Electonics Corp. HBNP45C6 Datasheet HTML 2Page - Cystech Electonics Corp. HBNP45C6 Datasheet HTML 3Page - Cystech Electonics Corp. HBNP45C6 Datasheet HTML 4Page - Cystech Electonics Corp. HBNP45C6 Datasheet HTML 5Page - Cystech Electonics Corp. HBNP45C6 Datasheet HTML 6Page - Cystech Electonics Corp. HBNP45C6 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C901C6
Issued Date : 2012.09.28
Revised Date :
Page No. : 2/7
HBNP45C6
CYStek Product Specification
Characteristics (Ta=25°C)
• TR1 (NPN)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=100μA
BVCEO
50
-
-
V
IC=1mA
BVEBO
7
-
-
V
IE=50μA
ICBO
-
-
0.1
μA
VCB=60V
IEBO
-
-
0.1
μA
VEB=7V
*VCE(sat)
-
0.2
0.4
V
IC=50mA, IB=5mA
*hFE
200
-
600
VCE=6V, IC=1mA
fT
80
180
-
MHz
VCE=12V, IC=2mA, f=100MHz
Cob
-
2
3.5
pF
VCB=12V, f=1MHz
*Pulse Test: Pulse Width
≤380μs, Duty Cycle≤2%
• TR2 (PNP)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-60
-
-
V
IC=-50μA
BVCEO
-50
-
-
V
IC=-1mA
BVEBO
-6
-
-
V
IE=-50μA
ICBO
-
-
-0.1
μA
VCB=-60V
IEBO
-
-
-0.1
μA
VEB=-6V
*VCE(sat)
-
-0.25
-0.5
V
IC=-50mA, IB=-5mA
*hFE
200
-
600
VCE=-6V, IC=-1mA
fT
60
140
-
MHz
VCE=-12V, IC=-2mA, f=100MHz
Cob
-
4
5
pF
VCB=-12V, f=1MHz
*Pulse Test: Pulse Width
≤380μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
HBNP45C6-0-T1-G
SOT-363
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel


Similar Part No. - HBNP45C6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBNP45S6R CYSTEKEC-HBNP45S6R Datasheet
179Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
More results

Similar Description - HBNP45C6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBNPZ1NS6R CYSTEKEC-HBNPZ1NS6R Datasheet
198Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP54S6 CYSTEKEC-HBNP54S6 Datasheet
323Kb / 9P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP3946S6R CYSTEKEC-HBNP3946S6R Datasheet
152Kb / 5P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP54S6 CYSTEKEC-HBNP54S6_17 Datasheet
332Kb / 9P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP1268Q8 CYSTEKEC-HBNP1268Q8 Datasheet
294Kb / 8P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP54S6R CYSTEKEC-HBNP54S6R Datasheet
313Kb / 9P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP45S6R CYSTEKEC-HBNP45S6R Datasheet
179Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
HBNP2227S6R CYSTEKEC-HBNP2227S6R Datasheet
169Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
HBA1873S5 CYSTEKEC-HBA1873S5 Datasheet
267Kb / 7P
   General Purpose PNP Epitaxial Planar Transistors
HBP1037S5 CYSTEKEC-HBP1037S5 Datasheet
253Kb / 6P
   General Purpose PNP Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com