Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBNP1268Q8 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # HBNP1268Q8
Description  General Purpose NPN / PNP Epitaxial Planar Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBNP1268Q8 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  HBNP1268Q8 Datasheet HTML 1Page - Cystech Electonics Corp. HBNP1268Q8 Datasheet HTML 2Page - Cystech Electonics Corp. HBNP1268Q8 Datasheet HTML 3Page - Cystech Electonics Corp. HBNP1268Q8 Datasheet HTML 4Page - Cystech Electonics Corp. HBNP1268Q8 Datasheet HTML 5Page - Cystech Electonics Corp. HBNP1268Q8 Datasheet HTML 6Page - Cystech Electonics Corp. HBNP1268Q8 Datasheet HTML 7Page - Cystech Electonics Corp. HBNP1268Q8 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C198Q8
Issued Date : 2010.11.29
Revised Date :
Page No. : 3/8
HBNP1268Q8
CYStek Product Specification
PNP 1 & PNP 2
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
ICBO
-
-
-100
nA
VCB=-30V, IE=0A
ICEO
-
-
-100
nA
VCE=-30V, IB=0A
IEBO
-
-
-2
mA
VEB=-5V
120
-
-
-
VCE=-2V, IC=-100mA
140
-
-
-
VCE=-2V, IC=-1A
*HFE
100
-
-
-
VCE=-2V, IC=-4A
-
-0.25
-0.4
V
IC=-1A, IB=-5mA
-
-0.34
-0.45
V
IC=-2A, IB=-20mA
*VCE(SAT)
-
-0.53
-0.6
V
IC=-3A, IB=-30mA
*RCE(SAT)
-
-0.18
-0.2
Ω
IC=-3A, IB=-30mA
R1
280
400
520
Ω
-
R2
7
10
13
k
Ω
-
fT
100
-
-
MHz
VCE=-10V, IE=-500mA, f=100MHz
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
HBNP1268Q8
SOP-8
(Pb-free lead plating package)
3000 pcs / Tape & Reel


Similar Part No. - HBNP1268Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBNP2227N6 CYSTEKEC-HBNP2227N6 Datasheet
630Kb / 11P
   NPN AND PNP Dual Epitaxial Planar Transistors
HBNP2227N6-0-T1-G CYSTEKEC-HBNP2227N6-0-T1-G Datasheet
630Kb / 11P
   NPN AND PNP Dual Epitaxial Planar Transistors
HBNP2227S6R CYSTEKEC-HBNP2227S6R Datasheet
169Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
HBNP3946S6R CYSTEKEC-HBNP3946S6R Datasheet
152Kb / 5P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP45C6 CYSTEKEC-HBNP45C6 Datasheet
283Kb / 7P
   General Purpose NPN / PNP Epitaxial Planar Transistors
More results

Similar Description - HBNP1268Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBNPZ1NS6R CYSTEKEC-HBNPZ1NS6R Datasheet
198Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP54S6 CYSTEKEC-HBNP54S6 Datasheet
323Kb / 9P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP3946S6R CYSTEKEC-HBNP3946S6R Datasheet
152Kb / 5P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP45C6 CYSTEKEC-HBNP45C6 Datasheet
283Kb / 7P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP54S6 CYSTEKEC-HBNP54S6_17 Datasheet
332Kb / 9P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP54S6R CYSTEKEC-HBNP54S6R Datasheet
313Kb / 9P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP45S6R CYSTEKEC-HBNP45S6R Datasheet
179Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
HBNP2227S6R CYSTEKEC-HBNP2227S6R Datasheet
169Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
HBA1873S5 CYSTEKEC-HBA1873S5 Datasheet
267Kb / 7P
   General Purpose PNP Epitaxial Planar Transistors
HBP1037S5 CYSTEKEC-HBP1037S5 Datasheet
253Kb / 6P
   General Purpose PNP Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com