Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB120A3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # LB120A3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LB120A3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  LB120A3 Datasheet HTML 1Page - Cystech Electonics Corp. LB120A3 Datasheet HTML 2Page - Cystech Electonics Corp. LB120A3 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C618A3
Issued Date : 2009.07.07
Revised Date :
Page No. : 2/3
LB120A3
CYStek Product Specification
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
600
-
-
V
IC=100μA
BVCEO
400
-
-
V
IC=1mA
BVEBO
9
-
-
V
IE=10μA
ICBO
-
-
15
μA
VCB=600V, IE=0
IEBO
-
-
100
nA
VEB=8V, IC=0
*VCE(SAT)
-
-
0.3
V
IC=50mA, IB=10mA
*VCE(SAT)
-
-
0.5
V
IC=200mA, IB=40mA
*hFE
10
-
40
-
VCE=20V, IC=20mA
tf
-
-
0.5
ts
-
-
2.5
μs
VCE=100V, IC=300mA, IB1=-IB2=100mA
*Pulse Test: Pulse Width
≤300μs, Duty Cycle≤2%
Classification Of hFE
Rank
A
B
C
D
E
F
Range
10~15
15~20
20~25
25~30
30~35
35~40


Similar Part No. - LB120A3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB120A ETC-LB120A Datasheet
212Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
More results

Similar Description - LB120A3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com