Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78D05L3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # LM78D05L3
Description  Three Terminal Positive Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78D05L3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  LM78D05L3 Datasheet HTML 1Page - Cystech Electonics Corp. LM78D05L3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78D05L3 Datasheet HTML 3Page - Cystech Electonics Corp. LM78D05L3 Datasheet HTML 4Page - Cystech Electonics Corp. LM78D05L3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C511L3
Issued Date : 2008.03.19
Revised Date : 2013.12.20
Page No. : 5/5
LM78D05L3
CYStek Product Specification
SOT-223 Dimension
3
2
1
F
B
A
C
D
E
G
H
a1
a2
I
Marking:
78D05
Device Name
□□□□
Date Code
Style: Pin 1.Input 2.GND 3.Output
3-Lead SOT-223 Plastic
Surface Mounted Package
CYStek Package Code: L3
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1142
0.1220
2.90
3.10
G
0.0551
0.0709
1.40
1.80
B
0.2638
0.2874
6.70
7.30
H
0.0098
0.0138
0.25
0.35
C
0.1299
0.1457
3.30
3.70
I
0.0008
0.0039
0.02
0.10
*13o
*13o
D
0.0236
0.0315
0.60
0.80
a1
-
-
0 o
10 o
0 o
10 o
E
*0.0906
-
*2.30
-
a2
F
0.2480
0.2638
6.30
6.70
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - LM78D05L3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78D05A CYSTEKEC-LM78D05A Datasheet
160Kb / 3P
   Three Terminal Positive Voltage Regulators
LM78D05AJ3 CYSTEKEC-LM78D05AJ3 Datasheet
160Kb / 3P
   Three Terminal Positive Voltage Regulators
LM78D05B CYSTEKEC-LM78D05B Datasheet
160Kb / 3P
   Three Terminal Positive Voltage Regulators
LM78D05BJ3 CYSTEKEC-LM78D05BJ3 Datasheet
160Kb / 3P
   Three Terminal Positive Voltage Regulators
LM78D05J3 CYSTEKEC-LM78D05J3 Datasheet
265Kb / 6P
   Three Terminal Positive Voltage Regulators
More results

Similar Description - LM78D05L3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
   Three-Terminal Positive Voltage Regulators
MC78M05CDT MCC-MC78M05CDT Datasheet
330Kb / 3P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com