Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51021-1700 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51021-1700
Description  1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 17
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

51021-1700 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51021-1700 Datasheet HTML 1Page - Molex Electronics Ltd. 51021-1700 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
51021-1700
Status:
Active
Overview:
PicoBlade™ Connector System
Description:
1.25mm Pitch PicoBlade™ Wire-to-Wire and Wire-to-Board Housing, Female, 17
Circuits
Documents:
Drawing (PDF)
Packaging Specification SPK-51021-001 (PDF)
Product Specification PS-51021-024 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
51021
Application
Signal, Wire-to-Board, Wire-to-Wire
Overview
PicoBlade™ Connector System
Product Name
PicoBlade™
UPC
800753750494
Physical
Circuits (maximum)
17
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
146.500/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
1.25mm
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-51021-001
Product Specification
PS-51021-024, RPS-51021-009, RPS-51021-010,
RPS-51021-011, RPS-51021-018, RPS-51021-026,
RPS-51021-033, RPS-51021-034, RPS-51021-037,
RPS-51021-038, RPS-51021-055, RPS-51021-058,
RPS-51021-061, RPS-51021-063, RPS-51021-067,
RPS-51021-068, RPS-51021-072, RPS-51021-073,
RPS-51021-074, RPS-51021-077, RPS-51021-079,
RPS-51021-081, RPS-51021-084, RPS-51021-085,
RPS-51021-086, RPS-51021-091, RPS-51021-096,
RPS-51021-097, RPS-51021-101, RPS-51021-102,
RPS-51021-103, RPS-51021-104, RPS-51021-105,
RPS-51021-107, RPS-51021-108, RPS-51021-112,
RPS-51021-114, RPS-51021-117, RPS-51021-121,
RPS-53398-002, RPS-53398-037
Sales Drawing
SD-51021-002, SD-51021-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51021Series
Mates With
53261 1.25mm Pitch PicoBlade™ Header
Use With
50058 Crimp Terminal, 50079 Crimp
Terminal


Similar Part No. - 51021-1700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
51021-1000 ETC2-51021-1000 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
MolexKits
51021-1000 MOLEXKITS-51021-1000 Datasheet
43Kb / 2P
   Friction Lock Plug and Receptacle
51021-1000 MOLEXKITS-51021-1000 Datasheet
44Kb / 2P
   Friction Lock Plug and Receptacle and SMT Header
logo
Molex Electronics Ltd.
51021-1000 MOLEX7-51021-1000 Datasheet
122Kb / 4P
   1.25mm (.049") Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female 10 Circuits
51021-1000 MOLEX11-51021-1000 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 10
More results

Similar Description - 51021-1700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0510211700 MOLEX1-0510211700_17 Datasheet
30Kb / 1P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 17
51021-1300 MOLEX11-51021-1300 Datasheet
38Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 13
51021-1400 MOLEX11-51021-1400 Datasheet
38Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 14
0510210300 MOLEX1-0510210300_17 Datasheet
33Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 3Circuits
0510210700 MOLEX1-0510210700_17 Datasheet
33Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 7Circuits
0510211200 MOLEX1-0510211200_17 Datasheet
32Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 12
51021-0800 MOLEX11-51021-0800 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 8
0510211100 MOLEX1-0510211100_17 Datasheet
32Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 11
51021-0900 MOLEX11-51021-0900 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 9
51021-1200 MOLEX11-51021-1200 Datasheet
38Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com