Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1250AB Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1250AB
Description  4096k Nonvolatile SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1250AB Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1250AB Datasheet HTML 3Page - Dallas Semiconductor DS1250AB Datasheet HTML 4Page - Dallas Semiconductor DS1250AB Datasheet HTML 5Page - Dallas Semiconductor DS1250AB Datasheet HTML 6Page - Dallas Semiconductor DS1250AB Datasheet HTML 7Page - Dallas Semiconductor DS1250AB Datasheet HTML 8Page - Dallas Semiconductor DS1250AB Datasheet HTML 9Page - Dallas Semiconductor DS1250AB Datasheet HTML 10Page - Dallas Semiconductor DS1250AB Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DS1250Y/AB
7 of 11
POWER-DOWN/POWER-UP TIMING
(tA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CE
, WE at VIH before Power-Down
tPD
0
µs
11
VCC slew from VTP to 0V
tF
300
µs
VCC slew from 0V to VTP
tR
300
µs
CE
, WE at VIH after Power-Up
tREC
2
125
ms
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Expected Data Retention Time
tDR
10
years
9
WARNING:
Under no circumstance are negative undershoots, of any amplitude, allowed when device is in battery
backup mode.
NOTES:
1.
WE
is high for a Read Cycle.
2. OE = VIH or VIL. If OE = VIH during write cycle, the output buffers remain in a high-impedance state.
3. tWP is specified as the logical AND of CE and WE . tWP is measured from the latter of CE or WE
going low to the earlier of CE or WE going high.
4. tDH, tDS are measured from the earlier of CE or WE going high.
5. These parameters are sampled with a 5 pF load and are not 100% tested.
6. If the CE low transition occurs simultaneously with or latter than the WE low transition, the output
buffers remain in a high-impedance state during this period.
7. If the CE high transition occurs prior to or simultaneously with the WE high transition, the output
buffers remain in high-impedance state during this period.
8. If WE is low or the WE low transition occurs prior to or simultaneously with the CE low transition,
the output buffers remain in a high-impedance state during this period.
9. Each DS1250 has a built-in switch that disconnects the lithium source until VCC is first applied by the
user. The expected tDR is defined as accumulative time in the absence of VCC starting from the time
power is first applied by the user.
10. All AC and DC electrical characteristics are valid over the full operating temperature range. For
commercial products, this range is 0
°C to 70°C. For industrial products (IND), this range is -40°C to
+85
°C.
11. In a power-down condition the voltage on any pin may not exceed the voltage on VCC.
12. tWR1 and tDH1 are measured from WE going high.
13. tWR2 and tDH2 are measured from CE going high.
14. DS1250 DIP modules are recognized by Underwriters Laboratory (U.L.
) under file E99151.
DS1250 PowerCap modules are pending U.L. review. Contact the factory for status.


Similar Part No. - DS1250AB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1250AB MAXIM-DS1250AB Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
DS1250AB-70++ MAXIM-DS1250AB-70+ Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
DS1250AB-70IND++ MAXIM-DS1250AB-70IND+ Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
DS1250ABP-70++ MAXIM-DS1250ABP-70+ Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
DS1250ABP-70IND++ MAXIM-DS1250ABP-70IND+ Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
More results

Similar Description - DS1250AB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1250Y-70IND MAXIM-DS1250Y-70IND Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
Rev 12/10
DS1250YL MAXIM-DS1250YL Datasheet
323Kb / 9P
   4096K Nonvolatile SRAM
022598
DS1250AB MAXIM-DS1250AB Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
DS1250W DALLAS-DS1250W Datasheet
217Kb / 11P
   3.3V 4096k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1250W MAXIM-DS1250W Datasheet
226Kb / 9P
   3.3V 4096k Nonvolatile SRAM
19-5648; Rev 12/10
DS1350AB MAXIM-DS1350AB Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
logo
Dallas Semiconductor
DS1350Y DALLAS-DS1350Y Datasheet
228Kb / 12P
   4096k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
   4096K Nonvolatile SRAM with Battery Monitor
022598
DS1350W MAXIM-DS1350W Datasheet
217Kb / 10P
   3.3V 4096k Nonvolatile SRAM with Battery Monitor
19-5586; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com