Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS6667WV51216DBLL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IS6667WV51216DBLL
Description  8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IS6667WV51216DBLL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IS6667WV51216DBLL Datasheet HTML 1Page - List of Unclassifed Manufacturers IS6667WV51216DBLL Datasheet HTML 2Page - List of Unclassifed Manufacturers IS6667WV51216DBLL Datasheet HTML 3Page - List of Unclassifed Manufacturers IS6667WV51216DBLL Datasheet HTML 4Page - List of Unclassifed Manufacturers IS6667WV51216DBLL Datasheet HTML 5Page - List of Unclassifed Manufacturers IS6667WV51216DBLL Datasheet HTML 6Page - List of Unclassifed Manufacturers IS6667WV51216DBLL Datasheet HTML 7Page - List of Unclassifed Manufacturers IS6667WV51216DBLL Datasheet HTML 8Page - List of Unclassifed Manufacturers IS6667WV51216DBLL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev.  A
06/28/2011
IS66WV51216DALL
IS66/67WV51216DBLL
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Vdd = 2.5V-3.6V
  Symbol  Parameter 
Test Conditions 
Vdd
Min. 
Max. 
Unit
  VoH
Output HIGH Voltage
IoH = -1 mA
2.5-3.6V
2.2
V
VoL
Output LOW Voltage
IoL = 2.1 mA
2.5-3.6V
0.4
V
VIH
Input HIGH Voltage(1)
2.5-3.6V
2.2
Vdd + 0.3
V
VIL
Input LOW Voltage(1)
2.5-3.6V
–0.2
0.6
V
ILI
Input Leakage
GND ≤ VIn ≤ Vdd
–1
1
μA
ILo
Output Leakage
GND ≤ Vout ≤ Vdd, Outputs Disabled
–1
1
μA
Notes:
1. VILL (min.) = –2.0V AC (pulse width < 10ns). Not 100% tested.
VIHH (max.) = Vdd + 2.0V AC (pulse width < 10ns). Not 100% tested.
ABSOLUTE MAXIMUM RATINGS(1)
  Symbol 
Parameter 
Value 
Unit
  Vterm
Terminal Voltage with Respect to GND
–0.2 to Vdd+0.3
V
tBIAS
Temperature Under Bias
–40 to +85
°C
Vdd
Vdd Related to GND
–0.2 to +3.8
V
tStg
Storage Temperature
–65 to +150
°C
Pt
Power Dissipation
1.0
W
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Vdd = 1.7V-1.95V
  Symbol  Parameter 
Test Conditions 
Vdd
Min. 
Max. 
Unit
  VoH
Output HIGH Voltage
IoH = -0.1 mA
1.7-1.95V
1.4
V
VoL
Output LOW Voltage
IoL = 0.1 mA
1.7-1.95V
0.2
V
VIH
Input HIGH Voltage(1)
1.7-1.95V
1.4
Vdd + 0.2
V
VIL
Input LOW Voltage(1)
1.7-1.95V
–0.2
0.4
V
ILI
Input Leakage
GND ≤ VIn ≤ Vdd
–1
1
μA
ILo
Output Leakage
GND ≤ Vout ≤ Vdd, Outputs Disabled
–1
1
μA
Notes:
1. VILL (min.) = –1.0V AC (pulse width < 10ns). Not 100% tested.
VIHH (max.) = Vdd + 1.0V AC (pulse width < 10ns). Not 100% tested.


Similar Part No. - IS6667WV51216DBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66/67WV51216DBLL ISSI-IS66/67WV51216DBLL Datasheet
532Kb / 17P
   8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66/67WVO16M8DALL ISSI-IS66/67WVO16M8DALL Datasheet
515Kb / 2P
   Long-Term Support World Class Quality
Oct. 2021
IS66/67WVO16M8DBLL ISSI-IS66/67WVO16M8DBLL Datasheet
515Kb / 2P
   Long-Term Support World Class Quality
Oct. 2021
IS66/67WVO16M8EDALL ISSI-IS66/67WVO16M8EDALL Datasheet
515Kb / 2P
   Long-Term Support World Class Quality
Oct. 2021
IS66/67WVO16M8EDBLL ISSI-IS66/67WVO16M8EDBLL Datasheet
515Kb / 2P
   Long-Term Support World Class Quality
Oct. 2021
More results

Similar Description - IS6667WV51216DBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WV51216DALL ISSI-IS66WV51216DALL Datasheet
532Kb / 17P
   8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66WV51216ALL ISSI-IS66WV51216ALL Datasheet
500Kb / 16P
   8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66WV1M16EALL ISSI-IS66WV1M16EALL Datasheet
643Kb / 15P
   ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66WV1M16DALL ISSI-IS66WV1M16DALL Datasheet
607Kb / 15P
   16Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
logo
Weida Semiconductor, In...
WCMC8016V9X WEIDA-WCMC8016V9X Datasheet
219Kb / 12P
   8Mb (512K x 16) Pseudo Static RAM
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com