Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6615AIRZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6615AIRZ-T
Description  High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6615AIRZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6615AIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6615AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6615AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6615AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6615AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6615AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6615AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6615AIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6615AIRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL6615A
2
FN6608.2
April 13, 2012
Typical Application - 2 Channel Converter
Block Diagram
ISL6615A
PVCC
VCC
PWM
+5V
10k
8k
BOOT
UGATE
PHASE
LGATE
GND
UVCC = PVCC
CONTROL
LOGIC
POR/
SHOOT-
THROUGH
PROTECTION
PRE-POR OVP
(LVCC)
(UVCC)
FEATURES
SUBSTRATE RESISTANCE
FOR DFN DEVICES, THE PAD ON THE BOTTOM SIDE OF
THE PACKAGE MUST BE SOLDERED TO THE CIRCUIT’S GROUND.
PAD
+7V TO +13.2V
BOOT
UGATE
PHASE
LGATE
PWM
VCC
PVCC
VIN
+VCORE
PGOOD
VID
FS/EN
GND
ISEN2
ISEN1
PWM2
PWM1
VSEN
PWM
FB
VCC
+5V
COMP
ISL6615A
CONTROL
+5V
(ISL63xx
(OPTIONAL)
OR ISL65xx)
+7V TO +13.2V
BOOT
UGATE
PHASE
LGATE
PWM
VCC
PVCC
VIN
ISL6615A
GND
GND
THE ISL6615A CAN SUPPORT 5V PWM INPUT


Similar Part No. - ISL6615AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6615AIRZ INTERSIL-ISL6615AIRZ Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615AIRZ INTERSIL-ISL6615AIRZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
logo
Renesas Technology Corp
ISL6615AIRZ RENESAS-ISL6615AIRZ Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results

Similar Description - ISL6615AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6615 INTERSIL-ISL6615 Datasheet
233Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com