Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN12030 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN12030
Description  120MHz SAW Filter 19MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN12030 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN12030 Datasheet HTML 1Page - SIPAT Co,Ltd LBN12030 Datasheet HTML 2Page - SIPAT Co,Ltd LBN12030 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN12030
Rev. Date
2007-12-21
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
120MHz SAW Filter
19MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN12030
Typical Performance
Frequency Respond
Passband Respond
95
100
105
110
115
120
125
130
135
140
145
-114.2673
-104.2673
-94.2673
-84.2673
-74.2673
-64.2673
-54.2673
-44.2673
-34.2673
-24.2673
-14.2673
Type Performance
Frequency(MHz)
105
110
115
120
125
130
135
-26.7673
-26.2673
-25.7673
-25.2673
-24.7673
-24.2673
-23.7673
-23.2673
-22.7673
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±9MHz)
Phase Linearity(f0±9MHz)
105
110
115
120
125
130
135
2450
2500
2550
2600
2650
2700
2750
2800
X: 120
Y: 2681
Type Performance
Frequency(MHz)
X: 111
Y: 2648
X: 129
Y: 2656
105
110
115
120
125
130
135
-40
-30
-20
-10
0
10
20
30
X: 111
Y: 4.615
Type Performance
Frequency(MHz)
X: 129
Y: 6.744
X: 120
Y: -2.055
Horizontal: 5MHz/Div
Vertical: 50ns/Div
Horizontal: 5MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBN12030

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN12030 SIPAT-LBN12030 Datasheet
144Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
More results

Similar Description - LBN12030

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN12019 SIPAT-LBN12019 Datasheet
138Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
LBN12007 SIPAT-LBN12007_10 Datasheet
193Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
LBN12030 SIPAT-LBN12030 Datasheet
144Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
LBN12007 SIPAT-LBN12007 Datasheet
193Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
LBN12019 SIPAT-LBN12019 Datasheet
143Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
LBT11544 SIPAT-LBT11544 Datasheet
139Kb / 3P
   115MHz SAW Filter 19MHz Bandwidth
LBT20006 SIPAT-LBT20006 Datasheet
150Kb / 3P
   200MHz SAW Filter 19MHz Bandwidth
LBN10007 SIPAT-LBN10007 Datasheet
148Kb / 3P
   100MHz SAW Filter 19MHz Bandwidth
LBT11544 SIPAT-LBT11544 Datasheet
145Kb / 3P
   115MHz SAW Filter 19MHz Bandwidth
LBT16038 SIPAT-LBT16038 Datasheet
137Kb / 3P
   160MHz SAW Filter 19MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com