Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN13505 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBN13505
Description  134.5MHz IF SAW Filter 12MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN13505 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBN13505 Datasheet HTML 1Page - SIPAT Co,Ltd LBN13505 Datasheet HTML 2Page - SIPAT Co,Ltd LBN13505 Datasheet HTML 3Page - SIPAT Co,Ltd LBN13505 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN13505
Rev. Date
2007-08-16
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 2/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
134.5MHz IF SAW Filter
12MHz Bandwidth
Part Number: LBN13505
Package Dimension
1) ·: Pad Number 1 Index
2) SIPAT: Manufacturer name
3) LBN13505: Part Number
4) 07XX: Date Code
Input
1
Output
5
Ground
All Others
Package: DIP3512
Unit: mm
35.00 0.5
0.45 0.05
25.40 0.2
2.54 0.2
2.54 0.2
SIPAT
LBN13505
07XX


Similar Part No. - LBN13505

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN13505 SIPAT-LBN13505 Datasheet
141Kb / 4P
   134.5MHz IF SAW Filter 12MHz Bandwidth
More results

Similar Description - LBN13505

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN13505 SIPAT-LBN13505 Datasheet
141Kb / 4P
   134.5MHz IF SAW Filter 12MHz Bandwidth
LBN09608 SIPAT-LBN09608 Datasheet
140Kb / 4P
   95.5MHz IF SAW Filter 12MHz Bandwidth
LBN70A45 SIPAT-LBN70A45 Datasheet
189Kb / 3P
   70MHz SAW Filter 12MHz Bandwidth
LBN07905 SIPAT-LBN07905 Datasheet
187Kb / 3P
   78.75MHz SAW Filter 12MHz Bandwidth
LBN140A03 SIPAT-LBN140A03 Datasheet
148Kb / 3P
   140MHz SAW Filter 12MHz Bandwidth
LBN11538 SIPAT-LBN11538 Datasheet
139Kb / 3P
   115MHz SAW Filter 12MHz Bandwidth
LBT87503 SIPAT-LBT87503 Datasheet
187Kb / 3P
   875MHz SAW Filter 12MHz Bandwidth
LBN12003 SIPAT-LBN12003_10 Datasheet
144Kb / 3P
   120MHz SAW Filter 12MHz Bandwidth
LBT83003 SIPAT-LBT83003 Datasheet
185Kb / 3P
   830MHz SAW Filter 12MHz Bandwidth
LBN12003 SIPAT-LBN12003 Datasheet
144Kb / 3P
   120MHz SAW Filter 12MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com