Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1250AB-100 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1250AB-100
Description  4096k Nonvolatile SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1250AB-100 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1250AB-100 Datasheet HTML 1Page - Dallas Semiconductor DS1250AB-100 Datasheet HTML 2Page - Dallas Semiconductor DS1250AB-100 Datasheet HTML 3Page - Dallas Semiconductor DS1250AB-100 Datasheet HTML 4Page - Dallas Semiconductor DS1250AB-100 Datasheet HTML 5Page - Dallas Semiconductor DS1250AB-100 Datasheet HTML 6Page - Dallas Semiconductor DS1250AB-100 Datasheet HTML 7Page - Dallas Semiconductor DS1250AB-100 Datasheet HTML 8Page - Dallas Semiconductor DS1250AB-100 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS1250Y/AB
3 of 11
PACKAGES
The DS1250 is available in two packages: 32-pin DIP and 34-pin PowerCap Module (PCM). The 32-pin
DIP integrates a lithium battery, an SRAM memory and a nonvolatile control function into a single
package with a JEDEC-standard 600-mil DIP pinout. The 34-pin PowerCap Module integrates SRAM
memory and nonvolatile control into a module base along with contacts for connection to the lithium
battery in the DS9034PC PowerCap. The PowerCap Module package design allows a DS1250 PCM
device to be surface mounted without subjecting its lithium backup battery to destructive high-
temperature reflow soldering. After a DS1250 PCM module base is reflow soldered, a DS9034PC
PowerCap is snapped on top of the PCM to form a complete Nonvolatile SRAM module. The DS9034PC
is keyed to prevent improper attachment. DS1250 module bases and DS9034PC PowerCaps are ordered
separately and shipped in separate containers. See the DS9034PC data sheet for further information.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature
0°C to 70°C, -40°C to +85°C for IND parts
Storage Temperature
-40°C to +70°C, -40°C to +85°C for IND parts
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(tA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
DS1250AB Power Supply Voltage
VCC
4.75
5.0
5.25
V
DS1250Y Power Supply Voltage
VCC
4.5
5.0
5.5
V
Logic 1
VIH
2.2
VCC
V
Logic 0
VIL
0.0
+0.8
V
DC ELECTRICAL
(VCC=5V
±=5% for DS1250AB)
CHARACTERISTICS
(tA: See Note 10) (VCC=5V
±=10% for DS1250Y)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-1.0
+1.0
µA
I/O Leakage Current CE
≥ V
IH
≤ V
CC
IIO
-1.0
+1.0
µA
Output Current @ 2.2V
IOH
-1.0
mA
Output Current @ 0.4V
IOL
2.0
mA
Standby Current CE =2.2V
ICCS1
5.0
10.0
mA
Standby Current CE =VCC-0.5V
ICCS2
3.0
5.0
mA
Operating Current
ICCO1
85
mA
Write Protection Voltage (DS1250AB)
VTP
4.50
4.62
4.75
V
Write Protection Voltage (DS1250Y)
VTP
4.25
4.37
4.5
V


Similar Part No. - DS1250AB-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1250AB-70++ MAXIM-DS1250AB-70+ Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
DS1250AB-70IND++ MAXIM-DS1250AB-70IND+ Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
More results

Similar Description - DS1250AB-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1250Y-70IND MAXIM-DS1250Y-70IND Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
Rev 12/10
DS1250YL MAXIM-DS1250YL Datasheet
323Kb / 9P
   4096K Nonvolatile SRAM
022598
DS1250AB MAXIM-DS1250AB Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
DS1250W DALLAS-DS1250W Datasheet
217Kb / 11P
   3.3V 4096k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1250W MAXIM-DS1250W Datasheet
226Kb / 9P
   3.3V 4096k Nonvolatile SRAM
19-5648; Rev 12/10
DS1350AB MAXIM-DS1350AB Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
logo
Dallas Semiconductor
DS1350Y DALLAS-DS1350Y Datasheet
228Kb / 12P
   4096k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
   4096K Nonvolatile SRAM with Battery Monitor
022598
DS1350W MAXIM-DS1350W Datasheet
217Kb / 10P
   3.3V 4096k Nonvolatile SRAM with Battery Monitor
19-5586; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com