Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS12887 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS12887
Description  Real Time Clock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS12887 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS12887 Datasheet HTML 2Page - Dallas Semiconductor DS12887 Datasheet HTML 3Page - Dallas Semiconductor DS12887 Datasheet HTML 4Page - Dallas Semiconductor DS12887 Datasheet HTML 5Page - Dallas Semiconductor DS12887 Datasheet HTML 6Page - Dallas Semiconductor DS12887 Datasheet HTML 7Page - Dallas Semiconductor DS12887 Datasheet HTML 8Page - Dallas Semiconductor DS12887 Datasheet HTML 9Page - Dallas Semiconductor DS12887 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DS12887
6 of 19
TIME, CALENDAR AND ALARM LOCATIONS
The time and calendar information is obtained by reading the appropriate memory bytes. The time,
calendar, and alarm are set or initialized by writing the appropriate RAM bytes. The contents of the 10
time, calendar, and alarm bytes can be either Binary or Binary–Coded Decimal (BCD) format. Before
writing the internal time, calendar, and alarm registers, the SET bit in Register B should be written to a
logic 1 to prevent updates from occurring while access is being attempted. In addition to writing the 10
time, calendar, and alarm registers in a selected format (binary or BCD), the data mode bit (DM) of
Register B must be set to the appropriate logic level. All 10 time, calendar, and alarm bytes must use the
same data mode. The set bit in Register B should be cleared after the data mode bit has been written to
allow the real time clock to update the time and calendar bytes. Once initialized, the real time clock
makes all updates in the selected mode. The data mode cannot be changed without reinitializing the 10
data bytes. Table 2 shows the binary and BCD formats of the 10 time, calendar, and alarm locations. The
24–12 bit cannot be changed without reinitializing the hour locations.
When the 12–hour format is
selected, the high order bit of the hours byte represents PM when it is a logic 1. The time, calendar, and
alarm bytes are always accessible because they are double buffered. Once per second the 10 bytes are
advanced by 1 second and checked for an alarm condition. If a read of the time and calendar data occurs
during an update, a problem exists where seconds, minutes, hours, etc. may not correlate. The probability
of reading incorrect time and calendar data is low. Several methods of avoiding any possible incorrect
time and calendar reads are covered later in this text.
The three alarm bytes can be used in two ways. First, when the alarm time is written in the appropriate
hours, minutes, and seconds alarm locations, the alarm interrupt is initiated at the specified time each day
if the alarm enable bit is high. The second use condition is to insert a “don’t care” state in one or more of
the three alarm bytes. The “don’t care” code is any hexadecimal value from C0 to FF. The two most
significant bits of each byte set the “don’t care” condition when at logic 1. An alarm will be generated
each hour when the “don’t care” bits are set in the hours byte. Similarly, an alarm is generated every
minute with “don’t care” codes in the hours and minute alarm bytes. The “don’t care” codes in all three
alarm bytes create an interrupt every second.
TIME, CALENDAR AND ALARM DATA MODES Table 2
RANGE
ADDRESS
LOCATION
FUNCTION
DECIMAL
RANGE
BINARY DATA MODE
BCD DATA MODE
0
Seconds
0-59
00-3B
00-59
1
Seconds Alarm
0-59
00-3B
00-59
2
Minutes
0-59
00-3B
00-59
3
Minutes Alarm
0-59
00-3B
00-59
Hours-12-hr Mode
1-12
01-0C AM, 81-8C PM
01-12AM, 81-92PM
4
Hours-24-hr Mode
0-23
00-17
00-23
Hours Alarm-12-hr
1-12
01-0C AM, 81-8C PM
01-12AM, 81-92PM
5
Hours Alarm-24-hr
0-23
00-17
00-23
6
Day of the Week
Sunday = 1
1-7
01-07
01-07
7
Date of the Month
1-31
01-1F
01-31
8
Month
1-12
01-0C
01-12
9
Year
0-99
00-63
00-99


Similar Part No. - DS12887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12887 MAXIM-DS12887 Datasheet
361Kb / 22P
   Real-Time Clock
Rev 3; 2/07
DS12887 MAXIM-DS12887 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS12887++ MAXIM-DS12887+ Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS12887++ MAXIM-DS12887+ Datasheet
361Kb / 22P
   Real-Time Clock
Rev 3; 2/07
DS12887A MAXIM-DS12887A Datasheet
217Kb / 2P
   Real-Time Clock
073102
More results

Similar Description - DS12887

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
   Real time clock
logo
Seiko Instruments Inc
S-3511A SII-S-3511A Datasheet
1Mb / 28P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com