Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1250YP-100-IND Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1250YP-100-IND
Description  4096k Nonvolatile SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1250YP-100-IND Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1250YP-100-IND Datasheet HTML 1Page - Dallas Semiconductor DS1250YP-100-IND Datasheet HTML 2Page - Dallas Semiconductor DS1250YP-100-IND Datasheet HTML 3Page - Dallas Semiconductor DS1250YP-100-IND Datasheet HTML 4Page - Dallas Semiconductor DS1250YP-100-IND Datasheet HTML 5Page - Dallas Semiconductor DS1250YP-100-IND Datasheet HTML 6Page - Dallas Semiconductor DS1250YP-100-IND Datasheet HTML 7Page - Dallas Semiconductor DS1250YP-100-IND Datasheet HTML 8Page - Dallas Semiconductor DS1250YP-100-IND Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS1250Y/AB
4 of 11
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
510
pF
Input/Output Capacitance
CI/O
510
pF
AC ELECTRICAL
(VCC=5V
±=5% for DS1250AB)
CHARACTERISTICS
(tA: See Note 10) (VCC=5V
±=10% for DS1250Y)
DS1250AB-70
DS1250Y-70
DS1250AB-100
DS1250Y-100
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Read Cycle Time
tRC
70
100
ns
Access Time
tACC
70
100
ns
OE
to Output Valid
tOE
35
50
ns
CE
to Output Valid
tCO
70
100
ns
OE
or CE to Output Active
tCOE
5
5
ns
5
Output High Z from Deselection
tOD
25
35
ns
5
Output Hold from Address Change
tOH
55
ns
Write Cycle Time
tWC
70
100
ns
Write Pulse Width
tWP
55
75
ns
3
Address Setup Time
tAW
00
ns
Write Recovery Time
tWR1
tWR2
5
15
5
15
ns
ns
12
13
Output High Z from WE
tODW
25
35
ns
5
Output Active from WE
tOEW
5
5
ns
5
Data Setup Time
tDS
30
40
ns
4
Data Hold Time
tDH1
tDH2
0
10
0
10
ns
ns
12
13


Similar Part No. - DS1250YP-100-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1250YP-70++ MAXIM-DS1250YP-70+ Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
DS1250YP-70IND++ MAXIM-DS1250YP-70IND+ Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
More results

Similar Description - DS1250YP-100-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1250Y-70IND MAXIM-DS1250Y-70IND Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
Rev 12/10
DS1250YL MAXIM-DS1250YL Datasheet
323Kb / 9P
   4096K Nonvolatile SRAM
022598
DS1250AB MAXIM-DS1250AB Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
DS1250W DALLAS-DS1250W Datasheet
217Kb / 11P
   3.3V 4096k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1250W MAXIM-DS1250W Datasheet
226Kb / 9P
   3.3V 4096k Nonvolatile SRAM
19-5648; Rev 12/10
DS1350AB MAXIM-DS1350AB Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
logo
Dallas Semiconductor
DS1350Y DALLAS-DS1350Y Datasheet
228Kb / 12P
   4096k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
   4096K Nonvolatile SRAM with Battery Monitor
022598
DS1350W MAXIM-DS1350W Datasheet
217Kb / 10P
   3.3V 4096k Nonvolatile SRAM with Battery Monitor
19-5586; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com