Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1302 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1302
Description  Trickle Charge Timekeeping Chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1302 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1302 Datasheet HTML 1Page - Dallas Semiconductor DS1302 Datasheet HTML 2Page - Dallas Semiconductor DS1302 Datasheet HTML 3Page - Dallas Semiconductor DS1302 Datasheet HTML 4Page - Dallas Semiconductor DS1302 Datasheet HTML 5Page - Dallas Semiconductor DS1302 Datasheet HTML 6Page - Dallas Semiconductor DS1302 Datasheet HTML 7Page - Dallas Semiconductor DS1302 Datasheet HTML 8Page - Dallas Semiconductor DS1302 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DS1302
5 of 14
Diode and resistor selection is determined by the user according to the maximum current desired for
battery or super cap charging. The maximum charging current can be calculated as illustrated in the
following example. Assume that a system power supply of 5 volt is applied to VCC2 and a super cap is
connected to VCC1. Also assume that the trickle charger has been enabled with one diode and resistor R1
between VCC2 and VCC1. The maximum current Imax would therefore be calculated as follows:
Imax = (5.0V – diode drop) / R1
~ (5.0V – 0.7V) / 2 kΩ
~ 2.2 mA
Obviously, as the super cap charges, the voltage drop between VCC2 and VCC1 will decrease and therefore
the charge current will decrease.
CLOCK/CALENDAR BURST MODE
The clock/calendar command byte specifies burst mode operation.
In this mode the first eight
clock/calendar registers can be consecutively read or written (see Figure 4) starting with bit 0 of address
0.
If the write protect bit is set high when a write clock/calendar burst mode is specified, no data transfer
will occur to any of the eight clock/calendar registers (this includes the control register). The trickle
charger is not accessible in burst mode.
At the beginning of a clock burst read, the current time is transferred to a second set of registers. The
time information is read from these secondary registers, while the clock may continue to run. This
eliminates the need to re-read the registers in case of an update of the main registers during a read.
RAM
The static RAM is 31 x 8 bytes addressed consecutively in the RAM address space.
RAM BURST MODE
The RAM command byte specifies burst mode operation. In this mode, the 31 RAM registers can be
consecutively read or written (see Figure 4) starting with bit 0 of address 0.
REGISTER SUMMARY
A register data format summary is shown in Figure 4.
CRYSTAL SELECTION
A 32.768 kHz crystal can be directly connected to the DS1302 via X1 and X2. The crystal selected for
use should have a specified load capacitance (CL) of 6 pF. For more information on crystal selection and
crystal layout consideration, please consult Application Note 58, “Crystal Considerations with Dallas
Real Time Clocks."


Similar Part No. - DS1302

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1302 DALLAS-DS1302 Datasheet
649Kb / 16P
   Trickle-Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
   Trickle-Charge Timekeeping Chip
REV: 120208
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
   Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
   Trickle Charge Timekeeping Chip
logo
Dallas Semiconductor
DS1302++ DALLAS-DS1302+ Datasheet
649Kb / 16P
   Trickle-Charge Timekeeping Chip
More results

Similar Description - DS1302

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
   Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
   Trickle Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
   Trickle-Charge Timekeeping Chip
REV: 120208
logo
Dallas Semiconductor
DS1302 DALLAS-DS1302_05 Datasheet
649Kb / 16P
   Trickle-Charge Timekeeping Chip
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
   Serial Timekeeping Chip
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_11 Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
logo
Monolithic Power System...
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Rohm
BA3170 ROHM-BA3170 Datasheet
130Kb / 8P
   Trickle-charge IC for two-cell, lithium-ion batteries
logo
Monolithic Power System...
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com