Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX-4502 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EX-4502
Description  EXTIRUDED ALUMINUM BOX
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EX-4502 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EX-4502 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.788
1.455
1.335
.626
.357
PANEL
SPACE
1.140
USEABLE
2.406
USEABLE PANEL SPACE
MATERIAL:
BODY - ALUMINUM
BEZEL - UL94V-0 ABS
PANEL - .060 THK. ALUMINUM
FINISH:
BODY - SILVER COATING
BEZEL - BLACK
PANEL - NATURAL
EIGHT (8) M3 x 10mm FLAT HEAD SCREWS
SUPPLIED TO ATTACH END PANELS AND
BEZELS TO BODY (ALTERNATE SCREW #4 x
5/8 FLAT HEAD THREAD CUTTING SCREWS
CAN BE SUBSTITUTED)
RECOMMEND INSERTION TORQUE 6-8 in-lbs.
ALL DIMENSIONS HAVE ±.015 TOLERANCE
UNLESS OTHERWISE SPECIFIED
C
D
E
2.710
1.240
1.140
.670
.096
(4) PLACES
2.910
1.340
2.470
.088
.118
(2) PLACES
1.570
3.140
2.655
1.088
1.405
PANEL HEIGHT
2.980
PANEL WIDTH
A
A
B
B
2.99
6.48
NAME
4.56
PART
No.
EXTRUDED ALUMINUM BOX
EX-4500
&
EX-4501
&
EX-4502
REV: 8/3/07
PART No.
EX-4500
EX-4501
EX-4502
EXTERNAL
INTERNAL CLEARANCE
A
B
C
3.81
5.38
6.96
3.33
4.90
PART
6.14
DETAIL D
.088
.102
.054
SECTION A-A
.380
.182
A
B
SECTION B-B
C
DETAIL C
.283
.170
.050
.127
.052
DETAIL E
.075
.030
.025


Similar Part No. - EX-4502

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EX-40 PANASONIC-EX-40 Datasheet
414Kb / 6P
   Convergent Reflective Photoelectric Sensor
logo
Vectron International, ...
EX-400 VECTRON-EX-400 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-4000-DAA-107 VECTRON-EX-4000-DAA-107 Datasheet
511Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-4000-DAA-147 VECTRON-EX-4000-DAA-147 Datasheet
511Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results

Similar Description - EX-4502

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3316 POMONA-3316 Datasheet
25Kb / 1P
   Extruded Aluminum Box Unfinished
logo
Lumins Inc.
CL315 LUMINIS-CL315 Datasheet
134Kb / 2P
   Cast aluminum mounting box
logo
Pomona Electronics
3754 POMONA-3754 Datasheet
21Kb / 1P
   Miniature Size Aluminum Box With Cover
logo
Hammond Manufacturing L...
1455A1202 HAMMOND-1455A1202 Datasheet
207Kb / 1P
   Box made from Extruded Aluminum 6063
logo
Pomona Electronics
2417 POMONA-2417 Datasheet
21Kb / 1P
   Size B Aluminum Box With Cover
2397 POMONA-2397 Datasheet
23Kb / 1P
   Size A Aluminum Box With Cover
3306 POMONA-3306 Datasheet
25Kb / 1P
   Shielded Aluminum Box Size F Unfinished
2400 POMONA-2400 Datasheet
21Kb / 1P
   Size A Aluminum Box With Cover
2901 POMONA-2901 Datasheet
82Kb / 1P
   Size C Aluminum Box With Cover
2428 POMONA-2428 Datasheet
21Kb / 1P
   Size B Aluminum Box With Cover
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com