Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1306N Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1306N
Description  Serial Alarm Real Time Clock RTC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1306N Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1306N Datasheet HTML 2Page - Dallas Semiconductor DS1306N Datasheet HTML 3Page - Dallas Semiconductor DS1306N Datasheet HTML 4Page - Dallas Semiconductor DS1306N Datasheet HTML 5Page - Dallas Semiconductor DS1306N Datasheet HTML 6Page - Dallas Semiconductor DS1306N Datasheet HTML 7Page - Dallas Semiconductor DS1306N Datasheet HTML 8Page - Dallas Semiconductor DS1306N Datasheet HTML 9Page - Dallas Semiconductor DS1306N Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DS1306
6 of 20
The DS1306 can be run in either 12-hour or 24-hour mode. Bit 6 of the hours register is defined as the
12- or 24-hour mode select bit. When high, the 12-hour mode is selected. In the 12-hour mode, bit 5 is
the AM/PM bit with logic high being PM. In the 24-hour mode, bit 5 is the second 10-hour bit (20-23
hours).
The DS1306 contains two time of day alarms. Time of Day Alarm 0 can be set by writing to registers
87h to 8Ah. Time of Day Alarm 1 can be set by writing to registers 8Bh to 8Eh. Bit 7 of each of the time
of day alarm registers are mask bits (Table 1). When all of the mask bits are logic 0, a time of day alarm
will only occur once per week when the values stored in timekeeping registers 00h to 03h match the
values stored in the time of day alarm registers. An alarm will be generated every day when bit 7 of the
day alarm register is set to a logic 1. An alarm will be generated every hour when bit 7 of the day and
hour alarm registers is set to a logic 1. Similarly, an alarm will be generated every minute when bit 7 of
the day, hour, and minute alarm registers is set to a logic 1. When bit 7 of the day, hour, minute, and
seconds alarm registers is set to a logic 1, an alarm will occur every second.
TIME OF DAY ALARM MASK BITS Table 1
ALARM REGISTER MASK BITS (BIT 7)
SECONDS
MINUTES
HOURS
DAYS
1
1
1
1
Alarm once per second
0
1
1
1
Alarm when seconds match
0
0
1
1
Alarm when minutes and seconds match
0
0
0
1
Alarm when hours, minutes, and seconds match
0
0
0
0
Alarm when day, hours, minutes, and seconds
match
SPECIAL PURPOSE REGISTERS
The DS1306 has three additional registers (Control Register, Status Register, and Trickle Charger
Register) that control the real time clock, interrupts, and trickle charger.
CONTROL REGISTER (READ 0FH, WRITE 8FH)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0
WP
0
0
0
1 Hz
AIE1
AIE0
WP (Write Protect) - Before any write operation to the clock or RAM, this bit must be logic 0. When
high, the write protect bit prevents a write operation to any register, including bits 0, 1, and 2 of the
control register. Upon initial power up, the state of the WP bit is undefined. Therefore the WP bit should
be cleared before attempting to write to the device.
1 Hz (1 Hz output enable) - This bit controls the 1 Hz output. When this bit is a logic 1, the 1 Hz output
is enabled. When this bit is a logic 0, the 1 Hz output is high Z.
AIE0 (Alarm Interrupt Enable 0) - When set to a logic 1, this bit permits the Interrupt 0 Request Flag
(IRQF0) bit in the status register to assert INT0 . When the AIE0 bit is set to logic 0, the IRQF0 bit does
not initiate the INT0 signal.
AIE1 (Alarm Interrupt Enable 1) - When set to a logic 1, this bit permits the Interrupt 1 Request Flag
(IRQF1) bit in the status register to assert INT1. When the AIE1 bit is set to logic 0, the IRQF1 bit does
not initiate an interrupt signal, and the INT1 pin is set to a logic 0 state.


Similar Part No. - DS1306N

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1306N DALLAS-DS1306N Datasheet
553Kb / 21P
   Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1306N MAXIM-DS1306N Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
DS1306N MAXIM-DS1306N Datasheet
377Kb / 22P
   Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Dallas Semiconductor
DS1306N++ DALLAS-DS1306N+ Datasheet
553Kb / 21P
   Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1306N++ MAXIM-DS1306N+ Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
More results

Similar Description - DS1306N

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
   Serial Alarm Real Time Clock RTC
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
   Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
   Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
   Serial Alarm Real-Time Clock
2019
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
   Serial Alarm Real-Time Clock
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
   Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
   Serial real-time clock (RTC) with audio
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com