Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2640AUT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2640AUT
Description  300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2640AUT Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX2640AUT Datasheet HTML 1Page - Maxim Integrated Products MAX2640AUT Datasheet HTML 2Page - Maxim Integrated Products MAX2640AUT Datasheet HTML 3Page - Maxim Integrated Products MAX2640AUT Datasheet HTML 4Page - Maxim Integrated Products MAX2640AUT Datasheet HTML 5Page - Maxim Integrated Products MAX2640AUT Datasheet HTML 6Page - Maxim Integrated Products MAX2640AUT Datasheet HTML 7Page - Maxim Integrated Products MAX2640AUT Datasheet HTML 8Page - Maxim Integrated Products MAX2640AUT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
300MHz to 2500MHz SiGe
Ultra-Low-Noise Amplifiers
6
_______________________________________________________________________________________
Table 2. MAX2641 Typical Scattering Parameters at VCC = +3V, TA = +25°C
-104.9
0.688
1500
-98.8
0.702
1400
-93.4
0.720
1300
-88.0
0.735
1200
-82.3
0.749
1100
-76.6
0.771
1000
-71.0
0.788
900
-64.9
0.810
800
-58.1
0.832
700
-50.8
0.858
600
-43.1
0.882
500
-35.1
0.907
400
PHASE
S11
MAG
FREQUENCY
(MHz)
-117.5
3.81
-94.9
4.17
-75.9
4.24
-53.4
4.48
-32.4
4.55
-12.0
4.74
9.2
4.77
29.5
4.85
50.6
4.80
70.7
4.76
90.4
4.70
109.1
4.62
PHASE
S21
MAG
-20.2
0.489
-9.9
0.482
-0.2
0.469
-59.8
0.024
10.7
0.455
21.9
0.436
33.5
0.412
-42.9
0.021
44.7
0.396
56.8
0.384
69.4
0.365
-28.2
0.015
81.5
0.352
93.6
0.33
108.4
0.302
-10.6
0.013
PHASE
S22
MAG
12.3
0.010
28.0
0.007
36.3
0.005
64.2
0.004
39.4
0.002
55.2
0.001
64.7
0.001
13.5
0.001
PHASE
S12
MAG
64.7
2.118
82.9
2.430
105.3
2.781
123.6
2.981
146.4
3.302
-128.4
0.603
2500
166.9
3.456
-173.5
3.801
-150.0
3.876
-124.6
0.604
2400
-131.6
4.193
-109.8
4.209
-90.5
4.397
-119.4
0.610
2300
PHASE
S21
MAG
-98.3
0.316
-114.0
0.620
2200
-86.2
0.338
-69.4
0.374
-108.8
0.632
2100
-56.1
0.403
-43.4
0.431
95.7
0.030
-102.6
0.646
2000
-32.0
0.470
-21.6
0.493
-10.6
0.510
-96.6
0.661
1900
111.2
0.032
-0.5
0.513
8.6
0.514
-90.6
0.678
1800
17.7
0.535
132.2
0.033
PHASE
S22
MAG
-85.3
0.695
1700
150.7
0.029
171.7
0.028
-166.6
0.026
-80.3
0.717
1600
-150.6
0.023
-128.7
0.021
-116.5
0.018
-75.5
0.734
1500
-91.9
0.016
-80.3
0.013
PHASE
S12
MAG
PHASE
S11
MAG
FREQUENCY
(MHz)
Table 1. MAX2640 Typical Scattering Parameters at VCC = +3V, TA = +25°C


Similar Part No. - MAX2640AUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2640AUT+T MAXIM-MAX2640AUT+T Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
More results

Similar Description - MAX2640AUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
MAX2640-MAX2641 MAXIM-MAX2640-MAX2641 Datasheet
110Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 1; 2/99
logo
Intersil Corporation
EL5130 INTERSIL-EL5130_06 Datasheet
342Kb / 12P
   300MHz Low Noise Amplifiers
EL5130 INTERSIL-EL5130_07 Datasheet
320Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5130 RENESAS-EL5130 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2642 MAXIM-MAX2642 Datasheet
238Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
19-1682; Rev 0; 4/00
logo
American Accurate Compo...
JXWBLA-S-10-500-29 AAC-JXWBLA-S-10-500-29 Datasheet
63Kb / 1P
   Wideband Amplifiers 10 to 2500MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com