Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADL-011009-01340W Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MADL-011009-01340W
Description  Silicon PIN Limiter Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MADL-011009-01340W Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MADL-011009-01340W Datasheet HTML 1Page - List of Unclassifed Manufacturers MADL-011009-01340W Datasheet HTML 2Page - List of Unclassifed Manufacturers MADL-011009-01340W Datasheet HTML 3Page - List of Unclassifed Manufacturers MADL-011009-01340W Datasheet HTML 4Page - List of Unclassifed Manufacturers MADL-011009-01340W Datasheet HTML 5Page - List of Unclassifed Manufacturers MADL-011009-01340W Datasheet HTML 6Page - List of Unclassifed Manufacturers MADL-011009-01340W Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MA4L
Series
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Silicon PIN Limiter Diodes
V17
Application Circuits
Typical +60dBm Peak Power, 1µS P.W., 0.001% Duty Cycle, +20dBm Flat Leakage Limiter Circuit
RF Output
MA4L401-134
RF Input
MA4L101-134
MA4L032-134
Coil: D.C. Return
Transmission Line: 90º @ Fo
Transmission Line: 90º @ Fo
RF Output
MA4L032-134
RF Input
MA4L022-134
Coil: D.C. Return
Transmission Line: 90º @ Fo
Typical +50dBm Peak Power, 1µS P.W., 0.001% Duty Cycle, +20dBm Flat Leakage Limiter Circuit


Similar Part No. - MADL-011009-01340W

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADL-011009-01340W MA-COM-MADL-011009-01340W Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
More results

Similar Description - MADL-011009-01340W

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L_15 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L Datasheet
164Kb / 6P
   Silicon PIN Limiter Diodes
logo
Tyco Electronics
MA4L MACOM-MA4L_1 Datasheet
374Kb / 6P
   Silicon PIN Limiter Diodes
MA4L MACOM-MA4L Datasheet
205Kb / 3P
   Limiter PIN Diodes
logo
Microsemi Corporation
GMP4201 MICROSEMI-GMP4201 Datasheet
133Kb / 2P
   Surface Mount PIN & Limiter Diodes
logo
M/A-COM Technology Solu...
MLP7130-0805-2 MA-COM-MLP7130-0805-2 Datasheet
642Kb / 5P
   Silicon Limiter PIN Diode
logo
American Microsemicondu...
MLD5117 AMMSEMI-MLD5117 Datasheet
692Kb / 1P
   LIMITER DIODES
MLD5119 AMMSEMI-MLD5119 Datasheet
692Kb / 1P
   LIMITER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com