Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1307N Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1307N
Description  64 X 8 Serial Real Time Clock
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1307N Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1307N Datasheet HTML 3Page - Dallas Semiconductor DS1307N Datasheet HTML 4Page - Dallas Semiconductor DS1307N Datasheet HTML 5Page - Dallas Semiconductor DS1307N Datasheet HTML 6Page - Dallas Semiconductor DS1307N Datasheet HTML 7Page - Dallas Semiconductor DS1307N Datasheet HTML 8Page - Dallas Semiconductor DS1307N Datasheet HTML 9Page - Dallas Semiconductor DS1307N Datasheet HTML 10Page - Dallas Semiconductor DS1307N Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DS1307
11 of 11
DS1307Z 64 X 8 SERIAL REAL TIME CLOCK
8-PIN SOIC (150-MIL) MECHANICAL DIMENSIONS
PKG
8-PIN
(150 MIL)
DIM
MIN
MAX
A IN.
MM
0.188
4.78
0.196
4.98
B IN.
MM
0.150
3.81
0.158
4.01
C IN.
MM
0.048
1.22
0.062
1.57
E IN.
MM
0.004
0.10
0.010
0.25
F IN.
MM
0.053
1.35
0.069
1.75
G IN.
MM
0.050 BSC
1.27 BSC
H IN.
MM
0.230
5.84
0.244
6.20
J IN.
MM
0.007
0.18
0.011
0.28
K IN.
MM
0.012
0.30
0.020
0.51
L IN.
MM
0.016
0.41
0.050
1.27
phi
0
°
8
°
56-G2008-001


Similar Part No. - DS1307N

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1307N DALLAS-DS1307N Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1307N MAXIM-DS1307N Datasheet
668Kb / 15P
   64 x 8, Serial, I2C Real-Time Clock
REV: 121906
DS1307N MAXIM-DS1307N Datasheet
287Kb / 14P
   64 x 8, Serial, I2C Real-Time Clock
REV: 100208
logo
Tiger Electronic Co.,Lt...
DS1307N TGS-DS1307N Datasheet
178Kb / 11P
   64 X 8 Serial Real Time Clock
logo
ARTSCHIP ELECTRONICS CO...
DS1307N ARTSCHIP-DS1307N Datasheet
249Kb / 14P
   I2C Real-Time Clock
More results

Similar Description - DS1307N

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
DS1307 TGS-DS1307 Datasheet
178Kb / 11P
   64 X 8 Serial Real Time Clock
logo
Dallas Semiconductor
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1307 MAXIM-DS1307_06 Datasheet
668Kb / 15P
   64 x 8, Serial, I2C Real-Time Clock
REV: 121906
DS1307 MAXIM-DS1307 Datasheet
287Kb / 14P
   64 x 8, Serial, I2C Real-Time Clock
REV: 100208
logo
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P_13 Datasheet
1Mb / 35P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I Datasheet
1Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com