Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBFJ112 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MMBFJ112
Description  This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBFJ112 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MMBFJ112 Datasheet HTML 1Page - Fairchild Semiconductor MMBFJ112 Datasheet HTML 2Page - Fairchild Semiconductor MMBFJ112 Datasheet HTML 3Page - Fairchild Semiconductor MMBFJ112 Datasheet HTML 4Page - Fairchild Semiconductor MMBFJ112 Datasheet HTML 5Page - Fairchild Semiconductor MMBFJ112 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
J111 / J112 / J113 / MMBFJ111 / MMBFJ112 / MMBFJ112_SB51338 / MMBFJ113
Rev. B0
2
Electrical Characteristics T
a = 25°C unless otherwise noted
* Pulse Test: Pulse Width
 300s, Duty Cycle  3.0%
Typical Performance Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristics
BV(BR)GSS Gate-Source Breakdown Voltage IG = -1.0A, VDS = 0
-35
V
IGSS
Gate Reverse Current
VGS = -15V, VDS = 0
-1.0
nA
VGS(off)
Gate-Source Cutoff Voltage
VDS = 5.0V, ID = 1.0A
111
112
MMBFJ112_SB51338
113
-3.0
-1.0
-3.0
-0.5
-10
-5.0
-5.0
-3.0
V
V
V
V
ID(off)
Drain Cutoff Leakage Current
VDS = 5.0V, VGS = -10V
1.0
nA
On Characteristics
IDSS
Zero-Gate Voltage Drain
Current*
VDS = 15V, IGS = 0
111
112
113
20
5.0
2.0
mA
mA
mA
rDS(on)
Drain-Source On Resistance
VDS  0.1V, VGS = 0
111
112
113
30
50
100
Small Signal Characteristics
Cdg(on)
Csg(on)
Drain Gate & Source Gate On
Capacitance
VDS = 0, VGS = 0, f = 1.0MHz
28
pF
Cdg(off)
Drain-Gate Off Capacitance
VDS = 0, VGS = -10V, f = 1.0MHz
5.0
pF
Csg(off)
Source-Gate Off Capacitance
VDS = 0, VGS = -10V, f = 1.0MHz
5.0
pF
Parameter Interactions
0.5
1
2
5
10
5
10
20
50
100
5
10
20
50
100
V
- GATE CUTOFF VOLTAGE (V)
GS (OFF)
I
, g
@ V
= 15V,
V
= 0 PULSED
r
@ 1.0 mA, V
= 0
V
@ V
= 15V,
I
= 1.0 nA
GS(off)
DSS
r
D
I
DSS
DS
DS
GS
DS
GS
fs
DS
DS
g
fs
_
_
_
_
_
Common Drain-Source
0
0.4
0.8
1.2
1.6
2
0
2
4
6
8
10
V
- DRAIN-SOURCE VOLTAGE (V)
DS
- 0.4 V
- 1.0 V
- 0.8 V
- 0.2 V
- 0.6 V
V
= 0 V
GS
T = 25°C
TYP V
= - 2.0 V
GS(off)
A
- 1.2 V
- 1.4 V


Similar Part No. - MMBFJ112

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBFJ112 FAIRCHILD-MMBFJ112 Datasheet
101Kb / 5P
   N-Channel Switch
MMBFJ112 FAIRCHILD-MMBFJ112 Datasheet
488Kb / 13P
   N-Channel Switch
logo
ON Semiconductor
MMBFJ112 ONSEMI-MMBFJ112 Datasheet
450Kb / 11P
   N-Channel Switch
April, 2021 ??Rev. 4
More results

Similar Description - MMBFJ112

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J113-D74Z FAIRCHILD-J113-D74Z Datasheet
157Kb / 6P
   This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-950MC DATEL-SHM-950MC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com