Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1302S-16 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1302S-16
Description  Trickle Charge Timekeeping Chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1302S-16 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1302S-16 Datasheet HTML 5Page - Dallas Semiconductor DS1302S-16 Datasheet HTML 6Page - Dallas Semiconductor DS1302S-16 Datasheet HTML 7Page - Dallas Semiconductor DS1302S-16 Datasheet HTML 8Page - Dallas Semiconductor DS1302S-16 Datasheet HTML 9Page - Dallas Semiconductor DS1302S-16 Datasheet HTML 10Page - Dallas Semiconductor DS1302S-16 Datasheet HTML 11Page - Dallas Semiconductor DS1302S-16 Datasheet HTML 12Page - Dallas Semiconductor DS1302S-16 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS1302
9 of 14
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–0.5V to +7.0V
Operating Temperature
0°C to 70°C or - 40
°C to +85°C for industrial
Storage Temperature
–55°C to +125°C
Soldering Temperature
260°C for 10 seconds (DIP)
See IPC/JEDEC Standard J-STD-020A for
Surface Mount Devices
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
ºC to 70ºC or -40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage VCC1, VCC2
VCC1,
VCC2
2.0
5.5
V
1, 11
Logic 1 Input
VIH
2.0
VCC+0.3
V
1
VCC=2.0V
-0.3
+0.3
Logic 0 Input
VIL
VCC=5V
–0.3
+0.8
V1
*-40°C to +85°C for industrial device.
DC ELECTRICAL CHARACTERISTICS
(0
ºC to 70ºC or -40
°C to +85°C; V
CC = 2.0 to 5.5V*)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
ILI
+500
µA6
I/O Leakage
ILO
+500
µA6
VCC=2.0V
1.6
Logic 1 Output
VOH
VCC=5V
2.4
V2
VCC=2.0V
0.4
Logic 0 Output
VOL
VCC=5V
0.4
V3
VCC1=2.0V
0.4
Active Supply Current
ICC1A
VCC1=5V
1.2
mA
5, 12
VCC1=2.0V
0.3
Timekeeping Current
ICC1T
VCC1=5V
1
µA
4, 12
VCC1=2.0V
100
VCC1=5V
100
Standby Current
ICC1S
IND
200
nA
10, 12,
14
VCC2=2.0V
0.425
Active Supply Current
ICC2A
VCC2=5V
1.28
mA
5, 13
VCC2=2.0V
25.3
Timekeeping Current
ICC2T
VCC2=5V
81
µA
4, 13
VCC2=2.0V
25
Standby Current
ICC2S
VCC2=5V
80
µA
10, 13
Trickle Charge Resistors
R1
R2
R3
2
4
8
kΩ
kΩ
kΩ
Trickle Charge Diode Voltage Drop
VTD
0.7
V
*Unless otherwise noted.


Similar Part No. - DS1302S-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1302S-16 DALLAS-DS1302S-16 Datasheet
649Kb / 16P
   Trickle-Charge Timekeeping Chip
logo
Tiger Electronic Co.,Lt...
DS1302S-16 TGS-DS1302S-16 Datasheet
1Mb / 14P
   Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302S-16 ARTSCHIP-DS1302S-16 Datasheet
397Kb / 13P
   Trickle Charge Timekeeping Chip
More results

Similar Description - DS1302S-16

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
   Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
   Trickle Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
   Trickle-Charge Timekeeping Chip
REV: 120208
logo
Dallas Semiconductor
DS1302 DALLAS-DS1302_05 Datasheet
649Kb / 16P
   Trickle-Charge Timekeeping Chip
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
   Serial Timekeeping Chip
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_11 Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
logo
Monolithic Power System...
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Rohm
BA3170 ROHM-BA3170 Datasheet
130Kb / 8P
   Trickle-charge IC for two-cell, lithium-ion batteries
logo
Monolithic Power System...
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com