Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1267-050 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1267-050
Description  Dual Digital Potentiometer Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1267-050 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1267-050 Datasheet HTML 4Page - Dallas Semiconductor DS1267-050 Datasheet HTML 5Page - Dallas Semiconductor DS1267-050 Datasheet HTML 6Page - Dallas Semiconductor DS1267-050 Datasheet HTML 7Page - Dallas Semiconductor DS1267-050 Datasheet HTML 8Page - Dallas Semiconductor DS1267-050 Datasheet HTML 9Page - Dallas Semiconductor DS1267-050 Datasheet HTML 10Page - Dallas Semiconductor DS1267-050 Datasheet HTML 11Page - Dallas Semiconductor DS1267-050 Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DS1267
10 of 12
102199
4. Relative linearity is used to determine the change in voltage between successive tap positions. Device
test limits ±0.5 LSB.
5. Typical values are for TA = 25°C and nominal supply voltage.
6. -3 dB cutoff frequency characteristics for the DS1267 depend on potentiometer total resistance:
DS1267-010: 1 MHz; DS1267-050: 200 kHz; DS1267-100: 100 kHz.
7. COUT is active regardless of the state of RST .
8. See Figure 9(a), (b), and (c).
9. See Figure 11.
10. Valid at 25
°C only.
TIMING DIAGRAMS Figure 9
(A) 3-WIRE SERIAL INTERFACE GENERAL OVERVIEW
(B) START OF COMMUNICATION TRANSACTION


Similar Part No. - DS1267-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1267 MAXIM-DS1267 Datasheet
315Kb / 12P
   Dual Digital Potentiometer Chip
102199
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
List of Unclassifed Man...
DS1267S-010 ETC2-DS1267S-010 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - DS1267-050

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
logo
Maxim Integrated Produc...
DS1267 MAXIM-DS1267 Datasheet
315Kb / 12P
   Dual Digital Potentiometer Chip
102199
DS1868 MAXIM-DS1868 Datasheet
279Kb / 14P
   Dual Digital Potentiometer Chip
100899
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
logo
Dallas Semiconductor
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
   Addressable Dual Digital Potentiometer
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
   Dual Log Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com