Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR-5-2.5A Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # SR-5-2.5A
Description  Subminiature Radial Leaded, Time-Delay Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SR-5-2.5A Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  SR-5-2.5A Datasheet HTML 1Page - Cooper Bussmann, Inc. SR-5-2.5A Datasheet HTML 2Page - Cooper Bussmann, Inc. SR-5-2.5A Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Packaging Code
Packaging Code Suffix
Description
-AP
Ammo-pack taped 1000 per box (see Packaging Information for lead configurations)
-BK, -BK2
In bulk 200 per bag (see Packaging Information for lead configurations)
0813
BU-SB11806
Page 3 of 3
Data Sheet 4347
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information contained
in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support
systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in
significant injury to the user.
© 2 0 1 3 C o o p e r B u s s m a n n
w w w. c o o p e r b u s s m a n n . c o m
Land Pattern
0.03"
(0.76mm)
0.12"± 0.01"
(3.05mm ± 0.25mm)
0.29"
(7.37mm)
0.20"
(5.08mm)
0.30"
(7.62mm)
0.095"
(2.41mm)
(PC )
5.08 ± 0.2mm
Ø 1.0 ± 0.1mm
Dimensions – Packaging Information – mm [in]
PCS Mounting Socket (RoHS compliant)
• Available as option. Specify catalog number BK/PCS
(in bulk 100 per bag)
7.60±0.20
7.60±0.20
0.50 min.
0.50 min.
0.60
0.60
5.08
5.08
8.50±0.20
8.50±0.20
35.00
35.00
9.00
9.00
18.00
18.00
12.70
12.70
0.0±0.5
0.0±0.5
13.00
13.00
AP


Similar Part No. - SR-5-2.5A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SR-5-2.5A COOPER-SR-5-2.5A Datasheet
421Kb / 3P
   Subminiature Radial Leaded, Time-Delay Fuses
logo
List of Unclassifed Man...
SR-5-2.5A ETC2-SR-5-2.5A Datasheet
502Kb / 3P
   Subminiature Fuses
logo
Eaton All Rights Reserv...
SR-5-2.5A EATON-SR-5-2.5A Datasheet
739Kb / 2P
   Subminiature time-delay fuses
More results

Similar Description - SR-5-2.5A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SR-5-2A-AP COOPER-SR-5-2A-AP Datasheet
421Kb / 3P
   Subminiature Radial Leaded, Time-Delay Fuses
SR-5H-1A COOPER-SR-5H-1A Datasheet
851Kb / 3P
   300V Subminiature Radial Leaded, Time-Delay Fuses
logo
Eaton All Rights Reserv...
SS-5H EATON-SS-5H Datasheet
495Kb / 5P
   300V Subminiature, radial leaded, time-delay fuses
logo
List of Unclassifed Man...
SR-5H ETC2-SR-5H Datasheet
851Kb / 3P
   300V Subminiature Radial Leaded, Time-Delay Fuses
SS-5H ETC2-SS-5H Datasheet
341Kb / 3P
   300V Subminiature, Radial Leaded, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
SS-5-1A COOPER-SS-5-1A Datasheet
807Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
logo
Eaton All Rights Reserv...
SS-5 EATON-SS-5 Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
SR-5 EATON-SR-5 Datasheet
739Kb / 2P
   Subminiature time-delay fuses
logo
Cooper Bussmann, Inc.
BKPCB-12-R COOPER-BKPCB-12-R Datasheet
314Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
PC-TRON EATON-PC-TRON Datasheet
1Mb / 2P
   Subminiature radial leaded fast-acting fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com