Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOLEX52437-2272 Datasheet(PDF) 3 Page - Newhaven Display International, Inc.

Part # MOLEX52437-2272
Description  the 0.5mm PITCH FPC CONNECTOR series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

MOLEX52437-2272 Datasheet(HTML) 3 Page - Newhaven Display International, Inc.

  MOLEX52437-2272 Datasheet HTML 1Page - Newhaven Display International, Inc. MOLEX52437-2272 Datasheet HTML 2Page - Newhaven Display International, Inc. MOLEX52437-2272 Datasheet HTML 3Page - Newhaven Display International, Inc. MOLEX52437-2272 Datasheet HTML 4Page - Newhaven Display International, Inc. MOLEX52437-2272 Datasheet HTML 5Page - Newhaven Display International, Inc. MOLEX52437-2272 Datasheet HTML 6Page - Newhaven Display International, Inc. MOLEX52437-2272 Datasheet HTML 7Page - Newhaven Display International, Inc. MOLEX52437-2272 Datasheet HTML 8Page - Newhaven Display International, Inc. MOLEX52437-2272 Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LANGUAGE
JAPANESE
ENGLISH
REVISE ON PC ONLY
TITLE:
0.5 mm PITCH FFC / FPC CONNECTOR
-LEAD FREE-
B
SEE SHEET 1 OF 12
REV.
DESCRIPTION
THIS DOCUMENT CONTAINS INFORMATION THAT IS PROPRIETARY TO
MOLEX INC. AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
DOCUMENT NUMBER
PS-52437-026
FILE NAME
PS52437026.doc
SHEET
3 OF 12
EN-37-1(019)
PRODUCT SPECIFICATION
.
Mechanical Performance
Item
Test Condition
Requirement
4-2-1
Ç 8t 6
Actuator
Insertion/
Withdrawal Force
FPC
Ç 8t 6
25
3 mm
Mate applicable FPC and Insert and
withdraw actuator at the speed rate
of 25
3 mm per minute.
6
Refer to paragraph 6
4-2-2
FPC
FPC Retention
Force
Ç 8t 6
25
3 mm
FPC
Insert the actuator, pull the FPC at
the speed rate of 25
3 mm per
minute.
7
Refer to paragraph 7
4-2-3
Terminal/Housing
Retention Force
25
3mm
Apply axial pull out force at the
speed rate of 25
3mm/minute on
the
terminal
assembled
in
the
housing.
3.0N {0.3kgf} MINIMUM
4-2-4
Fitting nail
/Housing
Retention Force
25
3mm
Apply axial pull out force at the
speed rate of 25
3mm/minute on
the fitting nail assembled in the
housing.
3.0N {0.3kgf} MINIMUM


Similar Part No. - MOLEX52437-2272

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
MOLEX52207-0485 NEWHAVEN-MOLEX52207-0485 Datasheet
39Kb / 2P
   1.00mm Pitch FFC/FPC Connector, SMT, Right Angle, ZIF, Top Contact Style
MOLEX52207-1685 NEWHAVEN-MOLEX52207-1685 Datasheet
39Kb / 2P
   1.00mm Pitch FFC/FPC Connector, SMT, Right Angle, ZIF, Top Contact Style
MOLEX52207-2285 NEWHAVEN-MOLEX52207-2285 Datasheet
39Kb / 2P
   1.00mm Pitch FFC/FPC Connector, SMT, Right Angle, ZIF, Top Contact Style
MOLEX52271-0679 NEWHAVEN-MOLEX52271-0679 Datasheet
35Kb / 2P
   Easy-On??Type FFC/FPC Connector, Right-Angle, SMT, ZIF, Bottom Contact Style, 6Circuits, Lead-Free, High Barrier Packaging
MOLEX52271-1879 NEWHAVEN-MOLEX52271-1879 Datasheet
35Kb / 2P
   Easy-On??Type FFC/FPC Connector, Right-Angle, SMT, ZIF, Bottom Contact Style,18 Circuits, Lead-Free, High Barrier Packaging
More results

Similar Description - MOLEX52437-2272

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
FCI connector
10051922 FCI-CONNECTOR-10051922 Datasheet
700Kb / 5P
   ASSEMBLY 0.5mm PITCH CONNECTOR FOR FPC VLL SERIES
logo
List of Unclassifed Man...
10051922-1810ELF ETC2-10051922-1810ELF Datasheet
700Kb / 5P
   ASSEMBLY 0.5MM PITCH CONNECTOR FOR FPC VLL SERIES
30FLT-SM2-TBLFSN ETC2-30FLT-SM2-TBLFSN Datasheet
119Kb / 2P
   FLT CONNECTOR 0.5mm pitch/Connectors for FPC
logo
FCI connector
59453-061110EDLF FCI-CONNECTOR-59453-061110EDLF Datasheet
120Kb / 2P
   PLASTIC TAPE PACKAGED 0.5mm PITCH FPC CONNECTOR
logo
Hirose Electric
FH40 HIROSE-FH40 Datasheet
669Kb / 8P
   0.5mm Pitch, 5.8mm above the board, vertical connectors for FPC
logo
JST Mfg. Co., Ltd.
FHY JST-FHY Datasheet
72Kb / 2P
   FHY CONNECTOR 0.5mm pitch/Connectors for FPC
logo
FCI connector
SFV30R-2STAE1LF FCI-CONNECTOR-SFV30R-2STAE1LF Datasheet
743Kb / 9P
   0.5mm SPACING FPC CONNECTOR DOCUMENT LIST
62674-241121ALF FCI-CONNECTOR-62674-241121ALF Datasheet
1Mb / 10P
   0.5mm FPC/FFC SMT
SFV30R-3STE1LF FCI-CONNECTOR-SFV30R-3STE1LF Datasheet
676Kb / 8P
   0.5mm SPACING FPC CONNECTOR DOCUMENT LIST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com