Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1337S Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1337S
Description  Serial Real-Time Clock
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1337S Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1337S Datasheet HTML 3Page - Dallas Semiconductor DS1337S Datasheet HTML 4Page - Dallas Semiconductor DS1337S Datasheet HTML 5Page - Dallas Semiconductor DS1337S Datasheet HTML 6Page - Dallas Semiconductor DS1337S Datasheet HTML 7Page - Dallas Semiconductor DS1337S Datasheet HTML 8Page - Dallas Semiconductor DS1337S Datasheet HTML 9Page - Dallas Semiconductor DS1337S Datasheet HTML 10Page - Dallas Semiconductor DS1337S Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DS1337
7 of 13
CLOCK ACCURACY
The accuracy of the clock is dependent upon the accuracy of the crystal and the accuracy of the match
between the capacitive load of the oscillator circuit and the capacitive load for which the crystal was
trimmed. Crystal frequency drift caused by temperature shifts creates additional error. External circuit
noise coupled into the oscillator circuit can result in the clock running fast. Refer to Application Note 58:
Crystal Considerations with Dallas Real-Time Clocks for detailed information.
ADDRESS MAP
The address map for the registers of the DS1337 is shown in Table 1. During a multibyte access, when
the address pointer reaches the end of the register space (0Fh) it wraps around to location 00h. On a 2-
wire START, STOP, or address pointer incrementing to location 00h, the current time is transferred to a
second set of registers. The time information is read from these secondary registers, while the clock may
continue to run. This eliminates the need to re-read the registers in case of an update of the main registers
during a read.
Table 1. Timekeeper Registers
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
RANGE
00H
0
10 Seconds
Seconds
Seconds
00-59
01H
0
10 Minutes
Minutes
Minutes
00-59
AM/PM
02H
0
12/24
10hr
10hr
Hour
Hours
1-12
+AM/PM
00-23
03H
0
0
0
0
0
Day
Day
1-7
04H
0
0
10 Date
Date
Date
00-31
05H
Century
0
0
10 Mo
Month
Month/
Century
01-12 +
Century
06H
10 Year
Year
Year
00-99
07H
A1M1
10 Seconds
Seconds
Alarm 1
Seconds
00-59
08H
A1M2
10 Minutes
Minutes
Alarm 1
Minutes
00-59
AM/PM
09H
A1M3
12/24
10hr
10hr
Hour
Alarm 1
Hours
1-12 +
AM/PM
00-23
0AH
A1M4
DY/DT
10 DATE
Day
Date
Alarm 1
Day
Alarm 1
Date
1-7
1-31
0BH
A2M2
10 Minutes
Minutes
Alarm 2
Minutes
00-59
AM/PM
0CH
A2M3
12/24
10hr
10hr
Hour
Alarm 2
Hours
1-12 +
AM/PM
00-23
0DH
A2M4
DY/DT
10 Date
Day
Date
Alarm 2
Day
Alarm 2
Date
1-7
1-31
0EH
EOSC
0
0
RS2
RS1
INTCN
A2IE
A1IE
Control
0FH
OSF
0
0
0
0
0
A2F
A1F
Status
Note: Unless otherwise specified, the state of the registers is not defined when power is first applied or VCC falls below the VOSC.


Similar Part No. - DS1337S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1337S MAXIM-DS1337S Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1337S++ MAXIM-DS1337S+ Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1337S++ MAXIM-DS1337S+ Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
More results

Similar Description - DS1337S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
   Serial Real-Time Clock
2019
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
   Serial real-time clock
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0 Datasheet
260Kb / 20P
   SERIAL REAL-TIME CLOCK
logo
Integrated Device Techn...
IDT5P90005 IDT-IDT5P90005 Datasheet
303Kb / 16P
   SERIAL REAL-TIME CLOCK
IDT5P90005C IDT-IDT5P90005C Datasheet
146Kb / 15P
   Serial Real-Time Clock
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com