Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XHP12 Datasheet(PDF) 7 Page - Newhaven Display International, Inc.

Part # XHP12
Description  XH CONNECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

XHP12 Datasheet(HTML) 7 Page - Newhaven Display International, Inc.

  XHP12 Datasheet HTML 1Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 2Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 3Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 4Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 5Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 6Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 7Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 8Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 9Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
101
XH CONNECTOR
2.5
± 0.05
(.098
± .002)
[2.5
(.098)min.]
(.226)
5.75
+0.1
0
+.004
0
3 to 20 circuits:0.9
(.035
)dia.
2 circuits:1.0
±0.05(.039±.002)dia.
+0.05
0
+.002
0
3 to 20 circuits:0.95
(.037
)dia.
2 circuits:1.0
±0.05(.039±.002)dia.
14.3(.563)
11.5(.453)
2.5
±0.05
(.098
±.002)
[2.5
(.098)min.]
0.9 +0.1
(.035 +.004 )dia.
0
0
(.226)
5.75
2.5
±0.05
(.098
±.002)
2.5
(.098)min.
1.6
±0.05
(.063
±.002)
1.1
(.043
)dia.
+0.1
0
+.004
0
3 to 20 circuits:0.9
(.035
)dia.
2 circuits:1.0
±0.05(.039±.002)dia.
+0.2
0
+.008
0
1.7
(.067
)dia.
+0.1
0
+.004
0
0.9
(.035
)dia.
+0.1
0
+.004
0
Through-hole type PC board layout (viewed from soldering side) and Assembly layout –––
Note:
1. Tolerances are non-cumulative:
±0.05mm(±.002" ) for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method. If printed circuit boards made of hard material are used, the hole
dimensions should be larger. The dimensions above should serve as a guideline.
Contact JST for details.
Top entry type
Side entry type
Top entry type with a boss
Lead tape
Tail tape
TERMINALS
& CONNECT
ORS
R
D
H
W
Flat pack (zig zag folded)
24 indexing holes perfold (304.8mm/12")
(316x45x330mm)12.4"(W)x1.8"(D)x13.0"(H)
19.05mm(.750")
Package type
Distance between folds
Box size
Distance between the end of the
tape and the first connector's
center line (either end)
Distance between the end of the tape and
the first connector's center line (either end)
Products of different packaging specifications are also available.
Contact JST for details.
Packaging specifications of through-hole type shrouded header ––––––––––––––––––
(1 circuit or more)
(2 circuits or more)


Similar Part No. - XHP12

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
XHP-1 JST-XHP-1 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
XHP-1 JST-XHP-1 Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
XHP-10 JST-XHP-10 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
XHP-10 JST-XHP-10 Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
XHP-11 JST-XHP-11 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - XHP12

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
JSTB8B-XH-A NEWHAVEN-JSTB8B-XH-A Datasheet
229Kb / 9P
   XH CONNECTOR
logo
List of Unclassifed Man...
XH414H-II06E ETC2-XH414H-II06E Datasheet
328Kb / 22P
   Reflowable XH Capacitor
logo
Cree, Inc
XH-G CREE-XH-G Datasheet
1Mb / 12P
   XLamp XH-G LED
XHBAWT-00-0000-00000LX51 CREE-XHBAWT-00-0000-00000LX51 Datasheet
1Mb / 11P
   XLamp XH-B LED
XH-B CREE-XH-B Datasheet
1Mb / 11P
   XLamp XH-B LED
CLD-DS71 CREE-CLD-DS71 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-G LED
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
CLD-DS70 CREE-CLD-DS70 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-B LED
logo
Ralston Instruments.
QTHP-0022 RALSTON-QTHP-0022 Datasheet
268Kb / 1P
   HP, XH fixed handle assembly, rivets
QTHP-GASK RALSTON-QTHP-GASK Datasheet
305Kb / 1P
   1) HP, XH liquid reservoir gasket
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com