Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XHP12 Datasheet(PDF) 2 Page - Newhaven Display International, Inc.

Part # XHP12
Description  XH CONNECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

XHP12 Datasheet(HTML) 2 Page - Newhaven Display International, Inc.

  XHP12 Datasheet HTML 1Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 2Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 3Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 4Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 5Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 6Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 7Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 8Page - Newhaven Display International, Inc. XHP12 Datasheet HTML 9Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
96
96
96
XH CONNECTOR
Contact –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Material and Finish
Model No.
Applicable Wire
Q'ty /
reel
mm2
AWG#
Insulation O.D mm(in.)
Phosphor bronze, tin-plated
SXH-001T-P0.6N
SXH-001T-P0.6
SXH-002T-P0.6
0.13 to 0.33
0.08 to 0.33
0.05 to 0.13
26 to 22
28 to 22
30 to 26
1.3 to 1.9(.051 to .075)
1.2 to 1.9(.047 to .075)
0.9 to 1.3(.035 to .051)
5,000
8,000
Shape
A
B
Housing –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Circuits
Model No.
Dimensions mm(in.)
Q'ty / bag
AC
Material
Nylon 6, UL94V-0, natural (white)
B
1
2
2
3
4
5
6
6
7
8
9
10
11
12
13
14
15
16
20
XHP- 1
XHP- 2
XHP- 2(10.0)-U
XHP- 3
XHP- 4
XHP- 5
XHP- 6
XHP- 6(5.0)-U
XHP- 7
XHP- 8
XHP- 9
XHP-10
XHP-11
XHP-12
XHP-13
XHP-14
XHP-15
XHP-16
XHP-20
2.5(.098)
10.0(.394)
5.0(.197)
7.5(.295)
10.0(.394)
12.5(.492)
25.0(.984)
15.0(.591)
17.5(.689)
20.0(.787)
22.5(.886)
25.0(.984)
27.5(1.083)
30.0(1.181)
32.5(1.280)
35.0(1.378)
37.5(1.476)
47.5(1.870)
3.2( .126)
5.7( .224)
13.2( .520)
8.2( .323)
10.7( .421)
13.2( .520)
15.7( .618)
28.2(1.110)
18.2( .717)
20.7( .815)
23.2( .913)
25.7(1.012)
28.2(1.110)
30.7(1.209)
33.2(1.307)
35.7(1.406)
38.2(1.504)
40.7(1.602)
50.7(1.996)
4.8( .189)
7.3( .287)
14.8( .583)
9.8( .386)
12.3( .484)
14.8( .583)
17.3( .681)
29.8(1.173)
19.8( .780)
22.3( .878)
24.8( .976)
27.3(1.075)
29.8(1.173)
32.3(1.272)
34.8(1.370)
37.3(1.469)
39.8(1.567)
42.3(1.665)
52.3(2.059)
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
Note:
1. Contact JST if you require gold-plated contacts or contacts made of brass.
2. Contact JST also if you require shielded wires, thin wires or other
special wires.
3. SXH-001T-P0.6N is low-insertion force type contact, for easier insertion/
withdrawal, which would be less resistant to the vibration.
Note:
1. XHP-2(10.0)-U is 2 circuits 10.0mm(.394") pitch plugged up.
Not UL/CSA/TU
¨ V approved.
2. XHP-6(5.0)-U is 6 circuits 5.0mm(.197") pitch plugged up.
Not UL/CSA/TU
¨ V approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
XHP-1-oo-
(blank)…natural (white)
BK…black R…red E…blue Y…yellow L…lemon yellow
M…green D…orange N…brown FY…vivid yellow
<Plugged up type>
ex.
XHP-2(10.0)-U-oo-
(blank)…natural (white)
R…red E…blue
1.8(.071)
1.6(.063)
6.5(.256)
1.95(.077)
6.5(.256)
2.0(.079)
Shape A
Shape B
Plugged up
(2 circuits 10.0mm(.394") pitch)
(6 circuits 5.0mm(.197") pitch)
4.1(.161)
5.7(.224)
2.5
(.098)
A
B
C
Circuit No.1 mark
4.1(.161)
5.7(.224)
Circuit No.1 mark
A
B
C
4.1(.161)
5.7(.224)
Circuit No.1 mark
A
B
C


Similar Part No. - XHP12

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
XHP-1 JST-XHP-1 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
XHP-1 JST-XHP-1 Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
XHP-10 JST-XHP-10 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
XHP-10 JST-XHP-10 Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
XHP-11 JST-XHP-11 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - XHP12

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
JSTB8B-XH-A NEWHAVEN-JSTB8B-XH-A Datasheet
229Kb / 9P
   XH CONNECTOR
logo
List of Unclassifed Man...
XH414H-II06E ETC2-XH414H-II06E Datasheet
328Kb / 22P
   Reflowable XH Capacitor
logo
Cree, Inc
XH-G CREE-XH-G Datasheet
1Mb / 12P
   XLamp XH-G LED
XHBAWT-00-0000-00000LX51 CREE-XHBAWT-00-0000-00000LX51 Datasheet
1Mb / 11P
   XLamp XH-B LED
XH-B CREE-XH-B Datasheet
1Mb / 11P
   XLamp XH-B LED
CLD-DS71 CREE-CLD-DS71 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-G LED
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
CLD-DS70 CREE-CLD-DS70 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-B LED
logo
Ralston Instruments.
QTHP-0022 RALSTON-QTHP-0022 Datasheet
268Kb / 1P
   HP, XH fixed handle assembly, rivets
QTHP-GASK RALSTON-QTHP-GASK Datasheet
305Kb / 1P
   1) HP, XH liquid reservoir gasket
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com