Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XHP16 Datasheet(PDF) 4 Page - Newhaven Display International, Inc.

Part # XHP16
Description  XH CONNECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

XHP16 Datasheet(HTML) 4 Page - Newhaven Display International, Inc.

  XHP16 Datasheet HTML 1Page - Newhaven Display International, Inc. XHP16 Datasheet HTML 2Page - Newhaven Display International, Inc. XHP16 Datasheet HTML 3Page - Newhaven Display International, Inc. XHP16 Datasheet HTML 4Page - Newhaven Display International, Inc. XHP16 Datasheet HTML 5Page - Newhaven Display International, Inc. XHP16 Datasheet HTML 6Page - Newhaven Display International, Inc. XHP16 Datasheet HTML 7Page - Newhaven Display International, Inc. XHP16 Datasheet HTML 8Page - Newhaven Display International, Inc. XHP16 Datasheet HTML 9Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
98
98
98
XH CONNECTOR
Through-hole type shrounded header ––––––––––––––––––––––––––––––––––––––––
B
A
2.45(.096)
0.64(.025)
5.75(.226)
6.75(.266)
2.5
(.098)
2.45
(.096)
A
B
0.64(.025)
5.75(.226)
6.75(.266)
H JST
6
2.5
(.098)
2.45
(.096)
A
B
0.64(.025)
5.75(.226)
H JST
12
Circuits
Model No.
Dimensions mm(in.)
Q'ty / box
AB
2
3
4
5
6
7
8
9
10
11
12
13
14
15
B 2B-XH-2
B 3B-XH-2
B 4B-XH-2
B 5B-XH-2
B 6B-XH-2
B 7B-XH-2
B 8B-XH-2
B 9B-XH-2
B10B-XH-2
B11B-XH-2
B12B-XH-2
B13B-XH-2
B14B-XH-2
B15B-XH-2
2.5( .098)
5.0( .197)
7.5( .295)
10.0( .394)
12.5( .492)
15.0( .591)
17.5( .689)
20.0( .787)
22.5( .886)
25.0( .984)
27.5(1.083)
30.0(1.181)
32.5(1.280)
35.0(1.378)
7.4( .291)
9.9( .390)
12.4( .488)
14.9( .587)
17.4( .685)
19.9( .783)
22.4( .882)
24.9( .980)
27.4(1.079)
29.9(1.177)
32.4(1.276)
34.9(1.374)
37.4(1.472)
39.9(1.571)
1,000
1,000
500
500
500
500
250
250
250
250
250
250
250
250
Material and Finish
Post: Brass, copper-undercoated, tin/lead-plated
Wafer: Glass-filled nylon 66, UL94V-0, natural (ivory)
(9 to 15 circuits)
Top entry type of glass-filled nylon
(2 circuits)
(3 to 8 circuits)
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2B-XH-2-oo-
(blank)…natural (ivory)
C…black R…red E…blue Y…yellow M…green


Similar Part No. - XHP16

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
XHP-1 JST-XHP-1 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
XHP-1 JST-XHP-1 Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
XHP-10 JST-XHP-10 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
XHP-10 JST-XHP-10 Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
XHP-11 JST-XHP-11 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - XHP16

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
JSTB8B-XH-A NEWHAVEN-JSTB8B-XH-A Datasheet
229Kb / 9P
   XH CONNECTOR
logo
List of Unclassifed Man...
XH414H-II06E ETC2-XH414H-II06E Datasheet
328Kb / 22P
   Reflowable XH Capacitor
logo
Cree, Inc
XH-G CREE-XH-G Datasheet
1Mb / 12P
   XLamp XH-G LED
XHBAWT-00-0000-00000LX51 CREE-XHBAWT-00-0000-00000LX51 Datasheet
1Mb / 11P
   XLamp XH-B LED
XH-B CREE-XH-B Datasheet
1Mb / 11P
   XLamp XH-B LED
CLD-DS71 CREE-CLD-DS71 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-G LED
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
CLD-DS70 CREE-CLD-DS70 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-B LED
logo
Ralston Instruments.
QTHP-0022 RALSTON-QTHP-0022 Datasheet
268Kb / 1P
   HP, XH fixed handle assembly, rivets
QTHP-GASK RALSTON-QTHP-GASK Datasheet
305Kb / 1P
   1) HP, XH liquid reservoir gasket
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com