Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XHP20 Datasheet(PDF) 8 Page - Newhaven Display International, Inc.

Part # XHP20
Description  XH CONNECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

XHP20 Datasheet(HTML) 8 Page - Newhaven Display International, Inc.

  XHP20 Datasheet HTML 1Page - Newhaven Display International, Inc. XHP20 Datasheet HTML 2Page - Newhaven Display International, Inc. XHP20 Datasheet HTML 3Page - Newhaven Display International, Inc. XHP20 Datasheet HTML 4Page - Newhaven Display International, Inc. XHP20 Datasheet HTML 5Page - Newhaven Display International, Inc. XHP20 Datasheet HTML 6Page - Newhaven Display International, Inc. XHP20 Datasheet HTML 7Page - Newhaven Display International, Inc. XHP20 Datasheet HTML 8Page - Newhaven Display International, Inc. XHP20 Datasheet HTML 9Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
102
XH CONNECTOR
2.5(.098)
B
A
3.75(.148)
0.64
(.025)
7.0(.276)
[3.6(.142)]
Circuits
Model No.
Dimensions mm(in.)
AB
Q'ty /
reel
Material and Finish
5.0(.197)
7.5(.295)
12.5(.492)
S3B-XH-SM3-TB
S4B-XH-SM3-TB
S6B-XH-SM3-TB
12.5(.492)
15.0(.591)
20.0(.787)
500
500
500
3
4
6
Pin: Copper alloy, copper-undercoated, tin/lead-plated
Wafer: Nylon 46, UL94V-0, natural (white)
Solder tab: Brass, copper-undercoated, tin/lead-plated
SMT type shrouded header –––––––––––––––––––––––––––––––––––––––––––––––––
Note: The products listed above are supplied on embossed-tape.
Taping specifications of SMT type shrouded header ––––––––––––––––––––––––––––
Feeding direction
(
+
.098
-
.039
[13(.512)dia.]
W1
+
2.5
-
1.0
)
2.0
± 0.5
(.079
± .020)
4.0
±0.1
(.157
±.004)
16.0
±0.1
(.630
±.004)
2.0
±0.1
(.079
±.004)
1.55
±0.05
(.061
±.002)dia.
Cover tape
Carrier tape
Feeding direction
4.0
±0.1
(.157
±.004)
2.0
±0.1
(.079
±.004)
1.55
±0.05
(.061
±.002)dia.
Feeding direction
16.0
±0.1
(.630
±.004)
Cover tape
Carrier tape
Feeding direction
Cover tape leader
Carrier tape
The end part
160(6.299)min.
Connector
mounting part
400(15.748)min.
Leader part
100(3.937)min.
(3 to 4 circuits)
(6 circuits)
Circuits
Taping dimensions mm(in.)
FS
W
Reel dimen-
sions mm(in.)
W1
Q'ty /
reel
3, 4
6
11.5(.453)
14.2(.559)
28.4 (1.118)
24.0( .945)
32.0(1.260)
25.5(1.004)
33.5(1.319)
500
500
Note:
1. Specifications conform to JIS C 0806. The tape width, connector recess
dimensions, etc. are determined by the number of circuits and external shape
of the connector to be loaded.
2. Specifications are subject to change without prior notice.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
S3B-XH-SM3-oo-TB-
(blank)…natural (white)
M…green R…red
E…blue L…lemon yellow


Similar Part No. - XHP20

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
XHP-1 JST-XHP-1 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
XHP-1 JST-XHP-1 Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
XHP-10 JST-XHP-10 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
XHP-10 JST-XHP-10 Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
XHP-11 JST-XHP-11 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - XHP20

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
JSTB8B-XH-A NEWHAVEN-JSTB8B-XH-A Datasheet
229Kb / 9P
   XH CONNECTOR
logo
List of Unclassifed Man...
XH414H-II06E ETC2-XH414H-II06E Datasheet
328Kb / 22P
   Reflowable XH Capacitor
logo
Cree, Inc
XH-G CREE-XH-G Datasheet
1Mb / 12P
   XLamp XH-G LED
XHBAWT-00-0000-00000LX51 CREE-XHBAWT-00-0000-00000LX51 Datasheet
1Mb / 11P
   XLamp XH-B LED
XH-B CREE-XH-B Datasheet
1Mb / 11P
   XLamp XH-B LED
CLD-DS71 CREE-CLD-DS71 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-G LED
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
CLD-DS70 CREE-CLD-DS70 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-B LED
logo
Ralston Instruments.
QTHP-0022 RALSTON-QTHP-0022 Datasheet
268Kb / 1P
   HP, XH fixed handle assembly, rivets
QTHP-GASK RALSTON-QTHP-GASK Datasheet
305Kb / 1P
   1) HP, XH liquid reservoir gasket
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com