Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1100M-250 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1100M-250
Description  5-Tap Economy Timing Element Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1100M-250 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1100M-250 Datasheet HTML 1Page - Dallas Semiconductor DS1100M-250 Datasheet HTML 2Page - Dallas Semiconductor DS1100M-250 Datasheet HTML 3Page - Dallas Semiconductor DS1100M-250 Datasheet HTML 4Page - Dallas Semiconductor DS1100M-250 Datasheet HTML 5Page - Dallas Semiconductor DS1100M-250 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS1100
5 of 6
TERMINOLOGY
Period: The time elapsed between the leading edge of the first pulse and the leading edge of the
following pulse.
tWI (Pulse Width): The elapsed time on the pulse between the 1.5V point on the leading edge and the
1.5V point on the trailing edge, or the 1.5V point on the trailing edge and the 1.5V point on the leading
edge.
tRISE (Input Rise Time): The elapsed time between the 20% and the 80% point on the leading edge of the
input pulse.
tFALL (Input Fall Time): The elapsed time between the 80% and the 20% point on the trailing edge of the
input pulse.
tPLH (Time Delay, Rising): The elapsed time between the 1.5V point on the leading edge of the input
pulse and the 1.5V point on the leading edge of any tap output pulse.
tPHL (Time Delay, Falling): The elapsed time between the 1.5V point on the trailing edge of the input
pulse and the 1.5V point on the trailing edge of any tap output pulse.
TEST SETUP DESCRIPTION
Figure 3 illustrates the hardware configuration used for measuring the timing parameters on the DS1100.
The input waveform is produced by a precision-pulse generator under software control. Time delays are
measured by a time interval counter (20ps resolution) connected between the input and each tap. Each tap
is selected and connected to the counter by a VHF switch control unit. All measurements are fully
automated, with each instrument controlled by a central computer over an IEEE 488 bus.
TEST CONDITIONS INPUT :
Ambient Temperature:
+25°C ±3°C
Supply Voltage (VCC):
5.0V ±0.1V
Input Pulse:
High = 3.0V ±0.1V
Low = 0.0V ±0.1V
Source Impedance:
50
W max
Rise and Fall Time:
3.0ns max (measured between 0.6V and 2.4V)
Pulse Width:
500ns (1µs for -500 version)
Period:
1µs (2µs for -500 version)
OUTPUT:
Each output is loaded with the equivalent of one 74F04 input gate. Delay is measured at the 1.5V level on
the rising and falling edge.
NOTE:
Above conditions are for test only and do not restrict the operation of the device under other data sheet
conditions.


Similar Part No. - DS1100M-250

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1100 MAXIM-DS1100 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
logo
MTU Onsite Energy Corpo...
DS1100D5S MTU-DS1100D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
logo
Dallas Semiconductor
DS1100L DALLAS-DS1100L Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
logo
Maxim Integrated Produc...
DS1100L MAXIM-DS1100L Datasheet
136Kb / 6P
   3.3V 5-Tap Economy Timing Element (Delay Line) Low-Power CMOS
Rev 3/11
DS1100L MAXIM-DS1100L Datasheet
138Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
Rev 10/11
More results

Similar Description - DS1100M-250

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1100L_1110 MAXIM-DS1100L_1110 Datasheet
138Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
Rev 10/11
logo
Dallas Semiconductor
DS1100L DALLAS-DS1100L Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
logo
Maxim Integrated Produc...
DS1100L MAXIM-DS1100L_V01 Datasheet
546Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
19-5736 ; Rev 7/15
DS1100 MAXIM-DS1100_11 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
DS1100L MAXIM-DS1100L_11 Datasheet
136Kb / 6P
   3.3V 5-Tap Economy Timing Element (Delay Line) Low-Power CMOS
Rev 3/11
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
List of Unclassifed Man...
1517 ETC-1517 Datasheet
37Kb / 2P
   5-TAP DIP DELAY LINE
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com