Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1350W Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1350W
Description  3.3V 4096K Nonvolatile SRAM with Battery Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1350W Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1350W Datasheet HTML 1Page - Dallas Semiconductor DS1350W Datasheet HTML 2Page - Dallas Semiconductor DS1350W Datasheet HTML 3Page - Dallas Semiconductor DS1350W Datasheet HTML 4Page - Dallas Semiconductor DS1350W Datasheet HTML 5Page - Dallas Semiconductor DS1350W Datasheet HTML 6Page - Dallas Semiconductor DS1350W Datasheet HTML 7Page - Dallas Semiconductor DS1350W Datasheet HTML 8Page - Dallas Semiconductor DS1350W Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS1350W
3.3V 4096K Nonvolatile SRAM
with Battery Monitor
DS1350W
PRELIMINARY
022598 1/11
FEATURES
10 years minimum data retention in the absence of
external power
Data is automatically protected during power loss
Power supply monitor resets processor when V
CC
power loss occurs and holds processor in reset during
VCC ramp–up
Battery monitor checks remaining capacity daily
Read and write access times as fast as 150 ns
Unlimited write cycle endurance
Typical standby current 50 µA
Upgrade for 512K x 8 SRAM, EEPROM or Flash
Lithium battery is electrically disconnected to retain
freshness until power is applied for the first time
Optional industrial temperature range of –40°C to
+85
°C, designated IND
New PowerCap Module (PCM) package
– Directly surface–mountable module
– Replaceable snap–on PowerCap provides lith-
ium backup battery
– Standardized pinout for all nonvolatile SRAM
products
– Detachment feature on PowerCap allows easy
removal using a regular screwdriver
PIN ASSIGNMENT
BW
OE
CE
WE
RST
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
34
33
32
31
30
29
28
27
26
25
24
23
22
14
15
16
17
21
20
19
18
A18
A17
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
A15
A16
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
34–PIN POWERCAP MODULE (PCM)
GND
VBAT
(USES DS9034PC POWERCAP)
PIN DESCRIPTION
A0–A18
– Address Inputs
DQ0–DQ7
– Data In/Data Out
CE
– Chip Enable
WE
– Write Enable
OE
– Output Enable
RST
– Reset Output
BW
– Battery Warning Output
VCC
– Power (+3.3 Volts)
GND
– Ground
NC
– No Connect
DESCRIPTION
The DS1350W 3.3V 4096K Nonvolatile SRAM is a
4,194,304–bit, fully static, nonvolatile SRAM organized
as 524,288 words by eight bits. Each NV SRAM has a
self–contained lithium energy source and control cir-
cuitry which constantly monitors VCC for an out–of–tol-
erance condition. When such a condition occurs, the
lithium energy source is automatically switched on and
write protection is unconditionally enabled to prevent
data corruption. Additionally, the DS1350W has dedi-
cated circuitry for monitoring the status of VCC and the
status of the internal lithium battery. DS1350W devices
in the PowerCap Module package are directly surface
mountable and are normally paired with a DS9034PC
PowerCap to form a complete Nonvolatile SRAM mod-
ule. The devices can be used in place of 512K x 8
SRAM, EEPROM or Flash components.


Similar Part No. - DS1350W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1350W MAXIM-DS1350W Datasheet
217Kb / 10P
   3.3V 4096k Nonvolatile SRAM with Battery Monitor
19-5586; Rev 10/10
More results

Similar Description - DS1350W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1350W MAXIM-DS1350W Datasheet
217Kb / 10P
   3.3V 4096k Nonvolatile SRAM with Battery Monitor
19-5586; Rev 10/10
DS1350AB MAXIM-DS1350AB Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
logo
Dallas Semiconductor
DS1350Y DALLAS-DS1350Y Datasheet
228Kb / 12P
   4096k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
   4096K Nonvolatile SRAM with Battery Monitor
022598
logo
Dallas Semiconductor
DS1250W DALLAS-DS1250W Datasheet
217Kb / 11P
   3.3V 4096k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1250W MAXIM-DS1250W Datasheet
226Kb / 9P
   3.3V 4096k Nonvolatile SRAM
19-5648; Rev 12/10
DS1330W MAXIM-DS1330W Datasheet
224Kb / 10P
   3.3V 256k Nonvolatile SRAM with Battery Monitor
19-5590; Rev 10/10
logo
Dallas Semiconductor
DS1330W DALLAS-DS1330W Datasheet
107Kb / 11P
   3.3V 256K Nonvolatile SRAM with Battery Monitor
DS1345W DALLAS-DS1345W Datasheet
249Kb / 12P
   3.3V 1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345W MAXIM-DS1345W Datasheet
217Kb / 10P
   3.3V 1024k Nonvolatile SRAM with Battery Monitor
19-5587; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com