Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN14079 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN14079
Description  140MHz SAW Filter 44MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN14079 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN14079 Datasheet HTML 1Page - SIPAT Co,Ltd LBN14079 Datasheet HTML 2Page - SIPAT Co,Ltd LBN14079 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN14079
Rev. Date
2006-1-23
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
44MHz Bandwidth
Part Number:LBN14079
Typical Performance
Frequency Respond
Passband Respond
60
80
100
120
140
160
180
200
220
-112.2971
-102.2971
-92.2971
-82.2971
-72.2971
-62.2971
-52.2971
-42.2971
-32.2971
115
120
125
130
135
140
145
150
155
160
165
-37
-36
-35
-34
-33
-32
-31
-30
-29
-28
Group Delay Variation(f0±22MHz)
Phase Linearity(f0±22MHz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBN14079

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN14079 SIPAT-LBN14079 Datasheet
140Kb / 3P
   140MHz SAW Filter 44MHz Bandwidth
More results

Similar Description - LBN14079

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN14079 SIPAT-LBN14079 Datasheet
140Kb / 3P
   140MHz SAW Filter 44MHz Bandwidth
LBN04405 SIPAT-LBN04405 Datasheet
145Kb / 3P
   44MHz SAW Filter 18MHz Bandwidth
SP44-6 SIPAT-SP44-6 Datasheet
139Kb / 3P
   44MHz SAW Filter 6MHz Bandwidth
LBN04403 SIPAT-LBN04403 Datasheet
145Kb / 3P
   44MHz SAW Filter 12MHz Bandwidth
LBN04405 SIPAT-LBN04405 Datasheet
150Kb / 3P
   44MHz SAW Filter
LBT14066 SIPAT-LBT14066 Datasheet
269Kb / 3P
   140MHz SAW Filter 14.4MHz Bandwidth
LB140DS13 SIPAT-LB140DS13 Datasheet
271Kb / 3P
   140MHz SAW Filter 16MHz Bandwidth
LB140DS15 SIPAT-LB140DS15 Datasheet
146Kb / 3P
   140MHz SAW Filter 20MHz Bandwidth
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
   140MHz SAW Filter 24MHz Bandwidth
LB140DS51 SIPAT-LB140DS51 Datasheet
319Kb / 3P
   140MHz SAW Filter 23.9MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com