Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1230ABP-200-IND Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1230ABP-200-IND
Description  256k Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1230ABP-200-IND Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1230ABP-200-IND Datasheet HTML 4Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 5Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 6Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 7Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 8Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 9Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 10Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 11Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DS1230Y/AB
11 of 12
DS1230Y/AB NONVOLATILE SRAM, 34-PIN POWERCAP MODULE WITH
POWERCAP
INCHES
PKG
DIM
MIN
NOM
MAX
A
0.920
0.925
0.930
B
0.955
0.960
0.965
C
0.240
0.245
0.250
D
0.052
0.055
0.058
E
0.048
0.050
0.052
F
0.015
0.020
0.025
G
0.020
0.025
0.030
ASSEMBLY AND USE
Reflow soldering
Dallas Semiconductor recommends that PowerCap Module bases experience one pass through solder
reflow oriented label-side up (live-bug).
Hand soldering and touch-up
Do not touch soldering iron to leads for more than 3 seconds. To solder, apply flux to the pad, heat the
lead frame pad and apply solder. To remove part, apply flux, heat pad until solder reflows, and use a
solder wick.
LPM replacement in a socket
To replace a Low Profile Module in a 68-pin PLCC socket, attach a DS9034PC PowerCap to a module
base then insert the complete module into the socket one row of leads at a time, pushing only on the
corners of the cap. Never apply force to the center of the device. To remove from a socket, use a PLCC
extraction tool and ensure that it does not hit or damage any of the module IC components. Do not use
any other tool for extraction.


Similar Part No. - DS1230ABP-200-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230ABP-70++ MAXIM-DS1230ABP-70+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
DS1230ABP-70++ MAXIM-DS1230ABP-70+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
DS1230ABP-70IND++ MAXIM-DS1230ABP-70IND+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
DS1230ABP-70IND++ MAXIM-DS1230ABP-70IND+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
More results

Similar Description - DS1230ABP-200-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230AB MAXIM-DS1230AB Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
DS1230Y-120 MAXIM-DS1230Y-120 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
logo
Dallas Semiconductor
DS1230Y DALLAS-DS1230Y_10 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
   3.3V 256k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1230W MAXIM-DS1230W Datasheet
202Kb / 10P
   3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
logo
Dallas Semiconductor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
   256k Nonvolatile SRAM with Battery Monitor
DS1330Y DALLAS-DS1330Y_10 Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1330AB MAXIM-DS1330AB Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com