Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1230ABP-200-IND Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1230ABP-200-IND
Description  256k Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1230ABP-200-IND Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1230ABP-200-IND Datasheet HTML 1Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 2Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 3Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 4Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 5Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 6Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 7Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 8Page - Dallas Semiconductor DS1230ABP-200-IND Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DS1230Y/AB
3 of 12
PACKAGES
The DS1230 devices are available in two packages: 28-pin DIP and 34-pin PowerCap Module (PCM).
The 28-pin DIP integrates a lithium battery, an SRAM memory and a nonvolatile control function into a
single package with a JEDEC-standard, 600-mil DIP pinout. The 34-pin PowerCap Module integrates
SRAM memory and nonvolatile control along with contacts for connection to the lithium battery in the
DS9034PC PowerCap. The PowerCap Module package design allows a DS1230 PCM device to be
surface mounted without subjecting its lithium backup battery to destructive high-temperature reflow
soldering. After a DS1230 PCM is reflow soldered, a DS9034PC PowerCap is snapped on top of the
PCM to form a complete Nonvolatile SRAM module. The DS9034PC is keyed to prevent improper
attachment. DS1230 PowerCap Modules and DS9034PC PowerCaps are ordered separately and shipped
in separate containers. See the DS9034PC data sheet for further information.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature
0°C to 70°C, -40°C to +85°C for IND parts
Storage Temperature
-40°C to +70°C, -40°C to +85°C for IND parts
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(tA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
DS1230AB Power Supply Voltage
VCC
4.75
5.0
5.25
V
DS1230Y Power Supply Voltage
VCC
4.5
5.0
5.5
V
Logic 1
VIH
2.2
VCC
V
Logic 0
VIL
0.0
0.8
V
DC ELECTRICAL
(VCC=5V
±=5% for DS1230AB)
CHARACTERISTICS
(tA: See Note 10) (VCC=5V
±=10% for DS1230Y)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-1.0
+1.0
µA
I/O Leakage Current CE
≥ V
IH
≤ V
CC
IIO
-1.0
+1.0
µA
Output Current @ 2.4V
IOH
-1.0
mA
Output Current @ 0.4V
IOL
2.0
mA
Standby Current CE =2.2V
ICCS1
5.0
10.0
mA
Standby Current CE =VCC-0.5V
ICCS2
3.0
5.0
mA
Operating Current
ICCO1
85
mA
Write Protection Voltage (DS1230AB)
VTP
4.50
4.62
4.75
V
Write Protection Voltage (DS1230Y)
VTP
4.25
4.37
4.5
V


Similar Part No. - DS1230ABP-200-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230ABP-70++ MAXIM-DS1230ABP-70+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
DS1230ABP-70++ MAXIM-DS1230ABP-70+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
DS1230ABP-70IND++ MAXIM-DS1230ABP-70IND+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
DS1230ABP-70IND++ MAXIM-DS1230ABP-70IND+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
More results

Similar Description - DS1230ABP-200-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230AB MAXIM-DS1230AB Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
DS1230Y-120 MAXIM-DS1230Y-120 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
logo
Dallas Semiconductor
DS1230Y DALLAS-DS1230Y_10 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
   3.3V 256k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1230W MAXIM-DS1230W Datasheet
202Kb / 10P
   3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
logo
Dallas Semiconductor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
   256k Nonvolatile SRAM with Battery Monitor
DS1330Y DALLAS-DS1330Y_10 Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1330AB MAXIM-DS1330AB Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com