Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1350YP-70-IND Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1350YP-70-IND
Description  4096k Nonvolatile SRAM with Battery Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1350YP-70-IND Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1350YP-70-IND Datasheet HTML 1Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 2Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 3Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 4Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 5Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 6Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 7Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 8Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DS1350Y/AB
3 of 12
FRESHNESS SEAL
Each DS1350 is shipped from Dallas Semiconductor with its lithium energy source disconnected,
guaranteeing full energy capacity. When VCC is first applied at a level greater than VTP, the lithium
energy source is enabled for battery backup operation.
PACKAGES
The 34-pin PowerCap Module integrates SRAM memory and nonvolatile control along with contacts for
connection to the lithium battery in the DS9034PC PowerCap. The PowerCap Module package design
allows a DS1350 PCM device to be surface mounted without subjecting its lithium backup battery to
destructive high-temperature reflow soldering. After a DS1350 PCM is reflow soldered, a DS9034PC is
snapped on top of the PCM to form a complete Nonvolatile SRAM module. The DS9034PC is keyed to
prevent improper attachment. DS1350 PowerCap Modules and DS9034PC PowerCaps are ordered
separately and shipped in separate containers. See the DS9034PC data sheet for further information.


Similar Part No. - DS1350YP-70-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1350YP-70++ MAXIM-DS1350YP-70+ Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
DS1350YP-70IND++ MAXIM-DS1350YP-70IND+ Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
More results

Similar Description - DS1350YP-70-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1350AB MAXIM-DS1350AB Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
   4096K Nonvolatile SRAM with Battery Monitor
022598
DS1350W MAXIM-DS1350W Datasheet
217Kb / 10P
   3.3V 4096k Nonvolatile SRAM with Battery Monitor
19-5586; Rev 10/10
logo
Dallas Semiconductor
DS1350W DALLAS-DS1350W Datasheet
107Kb / 11P
   3.3V 4096K Nonvolatile SRAM with Battery Monitor
DS1250Y DALLAS-DS1250Y Datasheet
217Kb / 11P
   4096k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1250Y-70IND MAXIM-DS1250Y-70IND Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
Rev 12/10
DS1250YL MAXIM-DS1250YL Datasheet
323Kb / 9P
   4096K Nonvolatile SRAM
022598
DS1250AB MAXIM-DS1250AB Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
DS1345BL DALLAS-DS1345BL Datasheet
219Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com