Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9034PCX Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS9034PCX
Description  256K NV Y2KC Timekeeping RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9034PCX Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS9034PCX Datasheet HTML 6Page - Dallas Semiconductor DS9034PCX Datasheet HTML 7Page - Dallas Semiconductor DS9034PCX Datasheet HTML 8Page - Dallas Semiconductor DS9034PCX Datasheet HTML 9Page - Dallas Semiconductor DS9034PCX Datasheet HTML 10Page - Dallas Semiconductor DS9034PCX Datasheet HTML 11Page - Dallas Semiconductor DS9034PCX Datasheet HTML 12Page - Dallas Semiconductor DS9034PCX Datasheet HTML 13Page - Dallas Semiconductor DS9034PCX Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
DS1554
10 of 21
POWER-ON DEFAULT STATES
Upon application of power to the device, the following register bits are set to a 0:
WDS=0, BMB0-BMB4=0, RB0-RB1=0, AE=0, ABE=0.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-5.0V to +6.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260°C for 10 seconds (See Note 8)
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1 Voltage All Inputs
VCC = 5V
±10%
VIH
2.2
VCC +0.3V
V
1
VCC = 3.3V
±10%
VIH
2.0
VCC +0.3V
V
1
Logic 0 Voltage All Inputs
VCC = 5V
±10%
VIL
-0.3
0.8
1
VCC = 3.3V
±10%
VIL
-0.3
0.6
1
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
CC = 5.0V
±=10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Active Supply Current
ICC
X
75
mA
2, 3
TTL Standby Current ( CE =VIH )
ICC1
X
6
mA
2, 3
CMOS Standby Current
( CE
≥=V
CC - 0.2V)
ICC2
X
4
mA
2, 3
Input Leakage Current (any input)
IIL
-1
+1
µA
Output Leakage Current (any
output)
IOL
-1
+1
µA
Output Logic 1 Voltage
(IOUT = -1.0 mA)
VOH
2.4
V
1
Output Logic 0 Voltage
(IOUT = 2.1 mA, DQ0-7 Outputs)
VOL1
0.4
V
1
(IOUT = 10.0 mA, IRQ /FT and
RST
outputs)
VOL2
0.4
V
1, 5
Write Protection Voltage
VPF
4.25
4.37
4.50
V
1
Battery Switch Over Voltage
VSO
VBAT
V
1, 4


Similar Part No. - DS9034PCX

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9034PCX DALLAS-DS9034PCX Datasheet
263Kb / 20P
   RAMified Watchdog Timekeeper
logo
Maxim Integrated Produc...
DS9034PCX MAXIM-DS9034PCX Datasheet
116Kb / 4P
   PowerCap with Crystal
19-5584; Rev 10/10
logo
Dallas Semiconductor
DS9034PCX DALLAS-DS9034PCX Datasheet
268Kb / 19P
   4MEG NV Y2KC Timekeeping RAM
DS9034PCX DALLAS-DS9034PCX Datasheet
247Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
DS9034PCX DALLAS-DS9034PCX Datasheet
187Kb / 11P
   Nonvolatile Timekeeping RAM
More results

Similar Description - DS9034PCX

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1557 DALLAS-DS1557 Datasheet
268Kb / 19P
   4MEG NV Y2KC Timekeeping RAM
DS1743 DALLAS-DS1743 Datasheet
247Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
DS1746 DALLAS-DS1746 Datasheet
224Kb / 18P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742_V01 Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
logo
Dallas Semiconductor
DS1742 DALLAS-DS1742 Datasheet
163Kb / 12P
   Y2KC Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1743 ARTSCHIP-DS1743 Datasheet
497Kb / 15P
   Y2KC Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1543 DALLAS-DS1543 Datasheet
199Kb / 17P
   64k NV Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742 Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com