Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTK24BC01-16P8 Datasheet(PDF) 11 Page - Cystech Electonics Corp.

Part # CTK24BC01-16P8
Description  2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CTK24BC01-16P8 Datasheet(HTML) 11 Page - Cystech Electonics Corp.

Back Button CTK24BC01-16P8 Datasheet HTML 4Page - Cystech Electonics Corp. CTK24BC01-16P8 Datasheet HTML 5Page - Cystech Electonics Corp. CTK24BC01-16P8 Datasheet HTML 6Page - Cystech Electonics Corp. CTK24BC01-16P8 Datasheet HTML 7Page - Cystech Electonics Corp. CTK24BC01-16P8 Datasheet HTML 8Page - Cystech Electonics Corp. CTK24BC01-16P8 Datasheet HTML 9Page - Cystech Electonics Corp. CTK24BC01-16P8 Datasheet HTML 10Page - Cystech Electonics Corp. CTK24BC01-16P8 Datasheet HTML 11Page - Cystech Electonics Corp. CTK24BC01-16P8 Datasheet HTML 12Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C705P8
Issued Date : 2007.08.23
Revised Date :
Page No. : 11/12
CTK24BC01-16P8
CYStek Product Specification
Figure 10. Random Read
Figure 11. Sequential Read
Ordering Information
Ordering Code
Package
Device Function
Operating Ranges
CTK24BC01P8
1K bit(128×8)
CTK24BC02P8
2K bit(256×8)
CTK24BC04P8
4K bit(512×8)
CTK24BC08P8
8K bit(1024×8)
CTK24BC16P8
DIP-8
16K bit(2048×8)
Industrial (-40~+85℃)


Similar Part No. - CTK24BC01-16P8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results

Similar Description - CTK24BC01-16P8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com