Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTK24BC16P8 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # CTK24BC16P8
Description  2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CTK24BC16P8 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  CTK24BC16P8 Datasheet HTML 1Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 2Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 3Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 4Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 5Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 6Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 7Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 8Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C705P8
Issued Date : 2007.08.23
Revised Date :
Page No. : 4/12
CTK24BC01-16P8
CYStek Product Specification
DC Characteristics
Applicable over recommended operating range: TA=-40~+85℃, VCC=+1.8V~+5.0V(unless otherwise noted)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VCC 1
1.8
-
5.5
V
Supply Voltage
VCC 2
2.7
-
5.5
V
Supply Voltage
VCC 3
4.5
-
5.5
V
Supply Current VCC=5.0V
ICC
READ at 100KHz
-
0.4
1.0
mA
Supply Current VCC=5.0V
ICC
WRITE at 100KHz
-
2.0
3.0
mA
Standby Current VCC=1.8V
ISB 1
VIN=VCC or VSS
-
0.6
3.0
μA
Standby Current VCC=2.5V
ISB 2
VIN=VCC or VSS
-
1.4
4.0
μA
Standby Current VCC=5.5V
ISB 3
VIN=VCC or VSS
-
5.0
18
μA
Input Leakage Current
ILI
VIN=VCC or VSS
-
0.2
5.0
μA
Output Leakage Current
ILO
VOUT=VCC or VSS
-
0.1
5.0
μA
Input Low Level (Note 1)
VIL
-0.6
-
VCC×0.3
V
Input High Level (Note 1)
VIH
VCC×0.7
-
VCC+0.5
V
Output Low Level VCC=3.0V
VOL 2
IOL =2.1mA
-
-
0.4
V
Output Low Level VCC=3.0V
VOL 1
IOL =0.15mA
-
-
0.2
V
Note : VIL and VIH Max are reference only and are not tested.
AC Characteristics
Applicable over recommended operating range: TA=-40~+85℃, VCC=+1.8V~+5.0V, CL=1 TTL Gate & 100pF(unless otherwise noted)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Clock Frequency, SCL
fSCL
VCC=1.8V
VCC=2.7~5.5V
-
-
100
400
KHz
Clock Pulse Width Low
tLOW
VCC=1.8V
VCC=2.7~5.5V
4.7
1.2
-
-
μs
Clock Pulse Width High
tHIGH
VCC=1.8V
VCC=2.7~5.5V
4.0
0.6
-
-
μs
Noise Suppression Time (Note 1)
tI
VCC=1.8V
VCC=2.7~5.5V
-
-
100
50
ns
Clock Low to Data Out Valid
tAA
VCC=1.8V
VCC=2.7~5.5V
0.1
0.1
-
4.5
0.9
μs
Time the bus must be free before
A new transmission can start (Note 1)
tBUF
VCC=1.8V
VCC=2.7~5.5V
4.7
1.2
-
-
μs
Start Hold Time
tHD.STA
VCC=1.8V
VCC=2.7~5.5V
4.0
0.6
-
-
μs
Start Setup Time
tSU.STA
VCC=1.8V
VCC=2.7~5.5V
4.7
0.6
-
-
μs
Data in Hold Time
tHD.DAT
VCC=1.8V
VCC=2.7~5.5V
0
0
-
-
μs
Data in Setup Time
tSU.DAT
VCC=1.8V
VCC=2.7~5.5V
200
100
-
-
ns
Input Rise Time (Note 1)
tR
VCC=1.8V
VCC=2.7~5.5V
-
-
1.0
0.3
μs
Input Fall Time (Note 1)
tF
VCC=1.8V
VCC=2.7~5.5V
-
-
300
300
ns


Similar Part No. - CTK24BC16P8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC16Q8 CYSTEKEC-CTK24BC16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results

Similar Description - CTK24BC16P8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com