Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTK24BC16P8 Datasheet(PDF) 9 Page - Cystech Electonics Corp.

Part # CTK24BC16P8
Description  2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CTK24BC16P8 Datasheet(HTML) 9 Page - Cystech Electonics Corp.

Back Button CTK24BC16P8 Datasheet HTML 4Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 5Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 6Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 7Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 8Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 9Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 10Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 11Page - Cystech Electonics Corp. CTK24BC16P8 Datasheet HTML 12Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C705P8
Issued Date : 2007.08.23
Revised Date :
Page No. : 9/12
CTK24BC01-16P8
CYStek Product Specification
Figure 8. Page Write
Write Operation
Byte/Page Write:
If a write operation is entered (R/W=0) and an acknowledgement is sent, then the next sequence requires an
8-bit data word address. After an acknowledgement is received from this word address, the 1st byte of data
can be loaded. The device will send an acknowledgement after each byte to confirm the transmission.
To being the write cycle, a STOP condition must be issued ( refer to Figure 7). Both byte and page write
operations are supported, so the STOP condition can be issued after the 1st byte or the last byte in the page.
When the STOP condition occurs, an internal time is started, all inputs are disabled, and the EEPROM will
not respond to any more commands until the write cycle is completed.
Note: The number of bytes in a page depends on the density used. If 1K density is used, then the page size
is 8 bytes. In contrast, if the 16K density is used, then the page size is 16 bytes. Refer to the Memory
Organization section for more details.
The internal page counter is incremented after each byte received, but the row location of the memory page
will always remain the same. Therefore the device will wrap around to the 1st byte in the page after the last
byte in the page is received. Any further data loaded into the page buffer will overwrite the previous data
loaded.
Acknowledge Polling:
After the STOP condition is issued, the write cycle begins. Acknowledge polling can be initiated by
sending a START condition followed by the device address word. If the EEPROM has completed the
internal write cycle and returned to standby mode, the device will respond by sending back an
acknowledgement by pulling the SDA pin low. Otherwise, the sequence will be ignored and no
acknowledgement will be sent.
Read Operations
There are three types of read operations: current address read, random address read, and sequence read. A
random address read can be considered a current address read operation with an additional sequence in the
beginning to load a different address into the internal counter. A sequential read occurs when subsequent
bytes are clocked out after a current address read or random address read occurs.


Similar Part No. - CTK24BC16P8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC16Q8 CYSTEKEC-CTK24BC16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results

Similar Description - CTK24BC16P8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com